Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151F3P6 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STM8L151F3P6
Description  8-bit ultralow power MCU, up to 8 KB Flash, up to 256 B data EEPROM, RTC, timers, USART, I2C, SPI, ADC, comparators
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151F3P6 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STM8L151F3P6 Datasheet HTML 27Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 28Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 29Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 30Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 31Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 32Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 33Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 34Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 112 page
background image
STM8L151x2, STM8L151x3
Memory and register map
Doc ID 018780 Rev 4
31/112
5
Memory and register map
5.1
Memory mapping
The memory map is shown in Figure 8.
Figure 8.
Memory map
1.
Table 5 lists the boundary addresses for each memory size. The top of the stack is at the RAM end
address.
2.
The VREFINT_Factory_CONV byte represents the LSB of the VREFINT 12-bit ADC1 conversion result. The
G PIO and peripheral registers
0x00 0000
Low densit y
(up to 8 Kbyt es)
Reset and int errupt vectors
0x00 10FF
RAM
0x00 03FF
(
Kbyt e)
(512 bytes)
0x00 1100
Data EEPRO M
0x00 4800
0x00 487F
0x00 4880
0x00 7FFF
0x00 8000
0x00 9FFF
0x00 1000
0x00 47FF
0x00 7EFF
0x00 8100
0x00 80FF
0x00 7F00
Reserved
Reserved
including
Stack
(256 Bytes)
Option bytes
0x00 4FFF
0x00 5000
0x00 5457
0x00 5458
Reserved
0x00 5FFF
Boot ROM
0x00 6000
0x00 67FF
(2 Kbyt es)
0x00 6800
Reserved
CPU/ SWIM/ Debug/I TC
Registers
Flash program memory
0x00 4910
0x00 4911
0x00 4926
0x00 4925
0x00 4931
0x00 4932
0x00 4909
VREFINT_Factory_CONV
TS_Factory_CONV_V90
0x00 4912
Reserved
Unique ID
Reserved
MS18274V2
Reserved
0x00 0400
0x00 1FFF
RI
Reserved
0x00 5000
0x00 501E
0x00 5050
0x00 5055
0x00 5070
0x00 509D
0x00 50A0
0x00 50A6
0x00 50AA
0x00 50A9
0x00 50B0
0x00 50B2
0x00 50B4
0x00 50C0
0x00 50D1
0x00 50D3
0x00 50D5
0x00 50E0
0x00 50E3
0x00 50F0
0x00 50F4
0x00 5040
0x00 5191
0x00 5200
0x00 5208
0x00 5210
0x00 521F
0x00 5230
0x00 523B
0x00 5250
0x00 5267
0x00 5280
0x00 5297
0x00 52E0
0x00 52EA
0x00 52FF
0x00 5317
0x00 5340
0x00 53C8
0x00 5430
0x00 5440
0x00 5445
0x00 5450
0x00 5457
Reserved
GPIO ports
Flash
Reserved
DMA1
SYSCFG
ITC-EXT1
WFE
RST
PWR
CLK
WWDG
ITC-EXT1
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
IWDG
BEEP
RTC
SPI1
I2C1
USART1
TIM2
TIM3
Reserved
Reserved
Reserved
TIM4
IRTIM
ADC1
COMP1/COMP2
RI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com