Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7273N Datasheet(PDF) 2 Page - LSI Computer Systems

Part # LS7273N
Description  30 VOLT QUAD-CHANNEL DIFFERENTIAL LINE DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7273N Datasheet(HTML) 2 Page - LSI Computer Systems

  LS7273N Datasheet HTML 1Page - LSI Computer Systems LS7273N Datasheet HTML 2Page - LSI Computer Systems LS7273N Datasheet HTML 3Page - LSI Computer Systems LS7273N Datasheet HTML 4Page - LSI Computer Systems LS7273N Datasheet HTML 5Page - LSI Computer Systems LS7273N Datasheet HTML 6Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
 
7273N-013113-2
 
INPUT / OUTPUT DESCRIPTION:
A / B / C / D
These are CMOS / TTL data inputs that can also operate with input levels up to the VDD power supply. All data input blocks contain hysteresis.
AO / BO / CO / DO / AO / BO / CO / DO
These outputs are open-drain.
ENA
A logic low on this CMOS / TTL compatible input enables the output drivers while logic high forces them into a high-impedance state. This input is
also used to enable / disable the output short circuit thermal protection.
Applying a voltage between 7.5V and 12.5V to the ENA input will disable the thermal shutdown protection function. When using this feature, the Line
Driver Outputs are enabled but no longer protected.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com