Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7273N Datasheet(PDF) 5 Page - LSI Computer Systems

Part # LS7273N
Description  30 VOLT QUAD-CHANNEL DIFFERENTIAL LINE DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7273N Datasheet(HTML) 5 Page - LSI Computer Systems

  LS7273N Datasheet HTML 1Page - LSI Computer Systems LS7273N Datasheet HTML 2Page - LSI Computer Systems LS7273N Datasheet HTML 3Page - LSI Computer Systems LS7273N Datasheet HTML 4Page - LSI Computer Systems LS7273N Datasheet HTML 5Page - LSI Computer Systems LS7273N Datasheet HTML 6Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
 
7273N-013113-5
 
ELECTRICAL CHARACTERISTICS
(VDD = 12V, TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Inputs:
Data Input High-Threshold
VDH
-
1.7
2.4
V
ENA ≤ 0.8V
Data Input Low Threshold
VDL
0.8
1.2
-
V
ENA ≤ 0.8V
Data Input Hysteresis
VDHY
-
0.5
-
V
ENA ≤ 0.8V
ENA
VEH
-
1.7
2.4
V
-
ENA
VEL
0.8
1.2
-
V
-
ENA Input Hysteresis
VEHY
-
0.5
-
V
-
Inputs:
Leakage Current
ILKG
-5
+5
μA
ENA
IESO
-
100
μA
ENA = 12V
Outputs:
Output Resistance
RDSON
-
20
-
Ω
ILOAD = 30mA
Low Voltage Output Voltage
VOL
-
0.3
-
V
ILOAD = -20mA, VDD = 4.75V
VOL
-
0.4
-
V
ILOAD = -30mA, VDD = 30V
High-Impedance Output
Leakage Current (Outputs Disabled)
IOT
-10
+10
μA
VDD = 20V, 2.4V < ENA < 7.5V
Reset:
Power-On-Reset (POR)
VPOR
-
3.6
2.4
V
-
POR Hysteresis
VPORH
0.1
-
V
-
POR Removal Time
TPORR
-
5
-
μS
-
Over-Temperature Protection:
Junction Temperature Operate Point
TJTO
165
°C
Junction Temperature Release Point
TJTR
-
135
°C
ENA Input Protection Inhibit
VEPI
7.0
12.5
V
NOTE: ENA input disables Outputs between 2.4V and 7.5V. ENA input enables Outputs between 7.5V and 12V but
disables Temperature Shutdown. ENA input disables Outputs above 12V.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com