Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7273N Datasheet(PDF) 1 Page - LSI Computer Systems

Part # LS7273N
Description  30 VOLT QUAD-CHANNEL DIFFERENTIAL LINE DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7273N Datasheet(HTML) 1 Page - LSI Computer Systems

  LS7273N Datasheet HTML 1Page - LSI Computer Systems LS7273N Datasheet HTML 2Page - LSI Computer Systems LS7273N Datasheet HTML 3Page - LSI Computer Systems LS7273N Datasheet HTML 4Page - LSI Computer Systems LS7273N Datasheet HTML 5Page - LSI Computer Systems LS7273N Datasheet HTML 6Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
 
 
7273N-013113-1
 
 
 
FEATURES:
•
Open-drain output drivers for return to power supply independent of VDD
•
Voltage Range: 4.5V – 30V (VDD – VSS)
•
120mA Sink/Source output drive
•
Operating frequency up to 4 MHz
•
Thermal shutdown protection for output driver overload
•
Enable input with Thermal Shutdown disconnect feature
•
1.5A dynamic peak output current drive
•
Outputs RS422A compatible
•
Inputs CMOS/TTL compatible with hysteresis
•
Output drivers fully connected or high-impedance state
PART NUMBER ORDERING INFORMATION:
This part is available in three package styles, DIP, SOIC, and TSSOP.
For DIP packages:
LS7273N
For SOIC packages: LS7273N-S
For TSSOP packages: LS7273N-TS
DESCRIPTION:
30 VOLT QUAD-CHANNEL DIFFERENTIAL LINE DRIVER
WITH OPEN DRAIN OUTPUTS
Jan 2013
PIN ASSIGNMENT – TOP VIEW
The LS7273N is a short-circuit proof Quad Differential Industrial Power Line Driver. It can operate
up to 30V and have a selectable thermal shutdown features.
The Data inputs are TTL / CMOS compatible and can also be driven up to the supply voltage VDD.
The ENA input can be used to place all the outputs in a high impedance state.
The outputs are open drain and the loads can be returned to any voltage between 4.5V and 30V
independent of VDD.
An internal 5V regulated supply is used to power the logic and level converter blocks.
The thermal shutdown block located in the center of the IC can be disabled by setting the ENA
input, Pin 12, to a voltage between 7.5V and 12V.
Upon power-up, a Power-On-Reset (POR) circuit block forces all output drivers to the high-
impedance state until the power supply voltage reaches a nominal 3.8V. Included in the POR
circuit block is a hysteresis of 100mV such that if the power supply drops below 3.7V all output
drivers are forced to the high-impedance state until the voltage rises above 3.8V. There is a built-
in 5
μs delay for disabling the output drivers should the power supply drop below 3.7V. The output
drivers are immediately enabled when the voltage rises above 3.8V.
 
LS7273N
1
4
5
7
8
2
3
6
A
AO
AO
n.c.
BO
BO
B
VSS
16
15
14
13
12
11
10
9
VDD
D
DO
CO
ENA
DO
CO
C
FIGURE 1


Similar Part No. - LS7273N

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7273 LSI-LS7273 Datasheet
140Kb / 6P
30 VOLT QUAD-CHANNEL DIFFERENTIAL LINE DRIVER
LS7273-20 LSI-LS7273-20 Datasheet
140Kb / 6P
30 VOLT QUAD-CHANNEL DIFFERENTIAL LINE DRIVER
More results

Similar Description - LS7273N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7237 STMICROELECTRONICS-TDA7237 Datasheet
78Kb / 5P
QUAD DIFFERENTIAL LINE DRIVER
Nov-1995
logo
Texas Instruments
SN65LVDS047 TI-SN65LVDS047 Datasheet
230Kb / 11P
LVDS QUAD DIFFERENTIAL LINE DRIVER
logo
List of Unclassifed Man...
OL2068 ETC-OL2068 Datasheet
424Kb / 9P
Industrial 30 Volt 4-Channel Differential Power Line Driver
logo
Texas Instruments
SN65LVDS047 TI-SN65LVDS047_06 Datasheet
223Kb / 12P
LVDS QUAD DIFFERENTIAL LINE DRIVER
logo
IC-Haus GmbH
ET7272 ICHAUS-ET7272 Datasheet
52Kb / 3P
QUAD DIFFERENTIAL LINE DRIVER
IC-HD2 ICHAUS-IC-HD2 Datasheet
262Kb / 8P
QUAD DIFFERENTIAL LINE DRIVER
IC-HD7 ICHAUS-IC-HD7 Datasheet
253Kb / 8P
QUAD DIFFERENTIAL LINE DRIVER
logo
LSI Computer Systems
LS7272 LSI-LS7272 Datasheet
140Kb / 6P
30 VOLT QUAD-CHANNEL DIFFERENTIAL LINE DRIVER
logo
IC-Haus GmbH
IC-HD2 ICHAUS-IC-HD2_14 Datasheet
247Kb / 8P
QUAD DIFFERENTIAL LINE DRIVER
IC-HD7 ICHAUS-IC-HD7_14 Datasheet
239Kb / 8P
QUAD DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com