Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7273N Datasheet(PDF) 4 Page - LSI Computer Systems

Part # LS7273N
Description  30 VOLT QUAD-CHANNEL DIFFERENTIAL LINE DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7273N Datasheet(HTML) 4 Page - LSI Computer Systems

  LS7273N Datasheet HTML 1Page - LSI Computer Systems LS7273N Datasheet HTML 2Page - LSI Computer Systems LS7273N Datasheet HTML 3Page - LSI Computer Systems LS7273N Datasheet HTML 4Page - LSI Computer Systems LS7273N Datasheet HTML 5Page - LSI Computer Systems LS7273N Datasheet HTML 6Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
 
7273N-013113-4
 
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
DC Supply Voltage
VDD
36
V
Data Output Voltage
VOUT
4.5 to 36
V
Drive Output Current
IOUT
1500 / 120
mA (pulse peak) / average
Data Input Voltage
VIND
VDD + 0.3
V
ENA Input Voltage
VINE
18
V
Operating Temperature
TA
-55 to +125
°C
Storage Temperature
TSTG
-65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Value
Unit
DC Supply Voltage
VDD
4.5 to 30
V
Data Input Voltage
VIND
0 to VDD
V
ENA Input Voltage
VINE
0 to 5.5
V
Data Output Voltage
VOUT
4.5 to 30
V
Data Output Current
IOUT
100
mA
Operating Temperature
TOP
-40 to +125
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com