Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7273N Datasheet(PDF) 3 Page - LSI Computer Systems

Part # LS7273N
Description  30 VOLT QUAD-CHANNEL DIFFERENTIAL LINE DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7273N Datasheet(HTML) 3 Page - LSI Computer Systems

  LS7273N Datasheet HTML 1Page - LSI Computer Systems LS7273N Datasheet HTML 2Page - LSI Computer Systems LS7273N Datasheet HTML 3Page - LSI Computer Systems LS7273N Datasheet HTML 4Page - LSI Computer Systems LS7273N Datasheet HTML 5Page - LSI Computer Systems LS7273N Datasheet HTML 6Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
 
7273N-013113-3
 
FIGURE 2
LS7273N BLOCK DIAGRAM
VSS
AO
AO
BO
BO
CO
CO
DO
DO
VDD
A
B
C
D
ENA
5V
REGULATOR
CMOS / TTL
INPUT
LEVEL CONVERTER
CMOS / TTL
INPUT
LEVEL CONVERTER
CMOS / TTL
INPUT
LEVEL CONVERTER
CMOS / TTL
INPUT
LEVEL CONVERTER
DIFFERENTIAL
OUTPUT
BUFFER
DIFFERENTIAL
OUTPUT
BUFFER
DIFFERENTIAL
OUTPUT
BUFFER
DIFFERENTIAL
OUTPUT
BUFFER
LOGIC CONTROLLER
TRISTATE OUTPUTS
OPEN DRAIN OUTPUTS
THERMAL SHUT DOWN
THERMAL SHUT DOWN DISABLE
UNDER VOLTAGE SHUT DOWN
POWER ON RESET



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com