Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ128GA310 Datasheet(PDF) 265 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 265 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 261Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 262Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 263Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 264Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 265Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 266Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 267Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 268Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 269Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 406 page
background image
 2010-2011 Microchip Technology Inc.
DS39996F-page 265
PIC24FJ128GA310 FAMILY
21.0
LIQUID CRYSTAL DISPLAY
(LCD) CONTROLLER
The Liquid Crystal Display (LCD) Controller generates
the data and timing control required to directly drive a
static or multiplexed LCD panel. In 100-pin devices
(PIC24FJXXXGA310), the module can drive panels of
up to eight commons and up to 60 segments when 5 to
8 commons are used, or up to 64 segments when 1 to
4 commons are used.
The module has these features:
• Direct driving of LCD panel
• Three LCD clock sources with selectable prescaler
• Up to eight commons:
- Static (One common)
- 1/2 multiplex (two commons)
- 1/3 multiplex (three commons)
- 1/8 multiplex (eight commons)
• Ability to drive from 30 (in 64-pin devices) to
64 (100-pin) segments, depending on the
Multiplexing mode selected
• Static, 1/2 or 1/3 LCD bias
• On-chip bias generator with dedicated charge
pump to support a range of fixed and variable bias
options
• Internal resistors for bias voltage generation
• Software contrast control for LCD using internal
biasing
A simplified block diagram of the module is shown in
Figure 21-1.
FIGURE 21-1:
LCD CONTROLLER MODULE BLOCK DIAGRAM
Note:
This data sheet summarizes the features of
this group of PIC24F devices. It is not
intended to be a comprehensive reference
source. For more information, refer to the
“PIC24F
Family
Reference
Manual”
,
Section 52. “Liquid Crystal Display
(LCD)”
(DS39740). The information in this
data sheet supersedes the information in
the FRM.
COM<7:0>
Timing Control
Data Bus
SOSC
FRC Oscillator
LPRC Oscillator
512
to
64
MUX
SEG<63:0>
To I/O Pins
32 x 16 (= 8 x 64)
LCD DATA
LCDCON
LCDPS
LCDSEx
LCDDATA0
LCDDATA1
LCDDATA30
LCDDATA31
.
.
.
LCD Bias Generation
LCD Clock
Source Select
LCD
Charge Pump
64
8
Bias
Voltage
16
(Secondary Oscillator)
Resistor Ladder
LCDREF
LCDREG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com