Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ128GA310 Datasheet(PDF) 266 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 266 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 262Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 263Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 264Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 265Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 266Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 267Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 268Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 269Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 270Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 406 page
background image
PIC24FJ128GA310 FAMILY
DS39996F-page 266
 2010-2011 Microchip Technology Inc.
21.1
Registers
The LCD controller has up to 40 registers:
• LCD Control Register (LCDCON)
• LCD Charge Pump Control Register (LCDREG)
• LCD Phase Register (LCDPS)
• LCD Voltage Ladder Control Register (LCDREF)
• Four LCD Segment Enable Registers
(LCDSE3:LCDSE0)
• Up to 32 LCD Data Registers
(LCDDATA31:LCDDATA0)
REGISTER 21-1:
LCDCON: LCD CONTROL REGISTER
R/W-0
U-0
R/W-0
U-0
U-0
U-0
U-0
U-0
LCDEN
—
LCDSIDL
—
—
—
—
—
bit 15
bit 8
U-0
R/W-0
R/C-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
SLPEN
WERR
CS1
CS0
LMUX2
LMUX1
LMUX0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
LCDEN
: LCD Driver Enable bit
1
= LCD driver module is enabled
0
= LCD driver module is disabled
bit 14
Unimplemented:
Read as ‘0’
bit 13
LCDSIDL
: Stop LCD Drive in CPU Idle Mode Control bit
1
= LCD driver Halts in CPU Idle mode
0
= LCD driver continues to operate in CPU Idle mode
bit 12-7
Unimplemented:
Read as ‘0’
bit 6
SLPEN
: LCD Driver Enable in Sleep mode bit
1
= LCD driver module is disabled in Sleep mode
0
= LCD driver module is enabled in Sleep mode
bit 5
WERR
: LCD Write Failed Error bit
1
= LCDDATAx register is written while WA (LCDPS<4>) = 0 (must be cleared in software)
0
= No LCD write error
bit 4-3
CS<1:0>
: Clock Source Select bits
00
=FRC
01
=LPRC
1x
=SOSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com