Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ128GA310 Datasheet(PDF) 270 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 270 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 266Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 267Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 268Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 269Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 270Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 271Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 272Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 273Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 274Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 406 page
background image
PIC24FJ128GA310 FAMILY
DS39996F-page 270
 2010-2011 Microchip Technology Inc.
REGISTER 21-4:
LCDSEx: LCD SEGMENT x ENABLE REGISTER
REGISTER 21-5:
LCDDATAx: LCD DATA x REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
SE(n+15)
SE(n+14)
SE(n+13)
SE(n+12)
SE(n+11)
SE(n+10)
SE(n+9)
SE(n+8)
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
SE(n+7)
SE(n+6)
SE(n+5)
SE(n+4)
SE(n+3)
SE(n+2)
SE(n+1)
SE(n)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
SE(n + 15):SE(n)
: Segment Enable bits
For LCDSE0: n = 0
For LCDSE1: n = 16
For LCDSE2: n = 32
For LCDSE3: n = 48(1)
1
= Segment function of the pin is enabled, digital I/O is disabled
0
= Segment function of the pin is disabled, digital I/O is enabled
Note 1:
For the SEG49 to work correctly, the JTAG needs to be disabled.
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
S(n+15)Cy
S(n+14)Cy
S(n+13)Cy
S(n+12)Cy
S(n+11)Cy
S(n+10)Cy
S(n+9)Cy
S(n+8)Cy
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
S(n+7)Cy
S(n+6)Cy
S(n+5)Cy
S(n+4)Cy
S(n+3)Cy
S(n+2)Cy
S(n+1)Cy
S(n)Cy
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-0
S(n + 15)Cy:S(n)Cy
: Pixel On bits
For registers, LCDDATA0 through LCDDATA3: n = (16x), y = 0
For registers, LCDDATA4 through LCDDATA7: n = (16(x - 4)), y = 1
For registers, LCDDATA8 through LCDDATA11: n = (16(x - 8)), y = 2
For registers, LCDDATA12 through LCDDATA15: n = (16(x - 12)), y = 3
For registers, LCDDATA16 through LCDDATA19: n = (16(x-16)), y = 4
For registers, LCDDATA20 through LCDDATA23: n = (16(x - 20)), y = 5
For registers, LCDDATA24 through LCDDATA27: n = (16(x - 24)), y = 6
For registers, LCDDATA28 through LCDDATA31: n = (16(x - 28)), y = 7
1
= Pixel is on
0
= Pixel is off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com