Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ128GA310 Datasheet(PDF) 268 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 268 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 264Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 265Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 266Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 267Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 268Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 269Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 270Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 271Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 272Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 406 page
background image
PIC24FJ128GA310 FAMILY
DS39996F-page 268
 2010-2011 Microchip Technology Inc.
REGISTER 21-2:
LCDREG: LCD CHARGE PUMP CONTROL REGISTER
RW-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
CPEN(1)
—
—
—
—
—
—
—
bit 15
bit 8
U-0
U-0
RW-1
RW-1
RW-1
RW-1
RW-0
RW-0
—
—
BIAS2
BIAS1
BIAS0
MODE13
CKSEL1
CKSEL0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
CPEN:
3.6V Charge Pump Enable bit(1)
1
= The regulator generates the highest (3.6V) voltage
0
= Highest voltage in the system is supplied externally (AVDD)
bit 14-6
Unimplemented:
Read as ‘0’
bit 5-3
BIAS<2:0>:
Regulator Voltage Output Control bits
111
= 3.60V peak (offset on LCDBIAS0 of 0V)
110
= 3.47V peak (offset on LCDBIAS0 of 0.13V)
101
= 3.34V peak (offset on LCDBIAS0 of 0.26V)
100
= 3.21V peak (offset on LCDBIAS0 of 0.39V)
011
= 3.08V peak (offset on LCDBIAS0 of 0.52V)
010
= 2.95V peak (offset on LCDBIAS0 of 0.65V)
001
= 2.82V peak (offset on LCDBIAS0 of 0.78V)
000
= 2.69V peak (offset on LCDBIAS0 of 0.91V)
bit 2
MODE13:
1/3 LCD Bias Enable bit
1
= Regulator output supports 1/3 LCD Bias mode
0
= Regulator output supports Static LCD Bias mode
bit 1-0
CLKSEL<1:0>
: Regulator Clock Select Control bits
11
= LPRC 31 kHz
10
=8 MHz FRC
01
=SOSC
00
= Disable regulator and float regulator voltage output
Note 1:
When using the charge pump, the LCDBIASx pins and the VLCAP1/VLACAP2 pins should be made analog,
and the respective TRIS bits should be set as inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com