Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ128GA310 Datasheet(PDF) 272 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 272 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 268Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 269Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 270Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 271Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 272Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 273Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 274Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 275Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 276Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 406 page
background image
PIC24FJ128GA310 FAMILY
DS39996F-page 272
 2010-2011 Microchip Technology Inc.
REGISTER 21-6:
LCDREF: LCD REFERENCE LADDER CONTROL REGISTER
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
LCDIRE
—
LCDCST2
LCDCST1
LCDCST0
VLCD3PE(1)
VLCD2E(1)
VLCD1E(1)
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
LRLAP1
LRLAP0
LRLBP1
LRLBP0
—
LRLAT2
LRLAT1
LRLAT0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
LCDIRE
: LCD Internal Reference Enable bit
1
= Internal LCD reference is enabled and connected to the internal contrast control circuit
0
= Internal LCD reference is disabled
bit 14
Unimplemented
: Read as ‘0’
bit 13-11
LCDCST<2:0>
: LCD Contrast Control bits
Selects the resistance of the LCD contrast control resistor ladder:
111
= Resistor ladder is at maximum resistance (minimum contrast)
110
= Resistor ladder is at 6/7th of maximum resistance
101
= Resistor ladder is at 5/7th of maximum resistance
100
= Resistor ladder is at 4/7th of maximum resistance
011
= Resistor ladder is at 3/7th of maximum resistance
010
= Resistor ladder is at 2/7th of maximum resistance
001
= Resistor ladder is at 1/7th of maximum resistance
000
= Minimum resistance (maximum contrast); resistor ladder is shorted
bit 10
VLCD3PE
: Bias 3 Pin Enable bit(1)
1
= Bias 3 level is connected to the external pin, LCDBIAS3
0
= Bias 3 level is internal (internal resistor ladder)
bit 9
VLCD2PE
: Bias 2 Pin Enable bit(1)
1
= Bias 2 level is connected to the external pin, LCDBIAS2
0
= Bias 2 level is internal (internal resistor ladder)
bit 8
VLCD1PE
: Bias 1 Pin Enable bit(1)
1
= Bias 1 level is connected to the external pin, LCDBIAS1
0
= Bias 1 level is internal (internal resistor ladder)
bit 7-6
LRLAP<1:0>
: LCD Reference Ladder A Time Power Control bits
During Time Interval A:
11
= Internal LCD reference ladder is powered in High-Power mode
10
= Internal LCD reference ladder is powered in Medium Power mode
01
= Internal LCD reference ladder is powered in Low-Power mode
00
= Internal LCD reference ladder is powered down and unconnected
bit 5-4
LRLBP<1:0>
: LCD Reference Ladder B Time Power Control bits
During Time Interval B:
11
= Internal LCD reference ladder is powered in High-Power mode
10
= Internal LCD reference ladder is powered in Medium Power mode
01
= Internal LCD reference ladder is powered in Low-Power mode
00
= Internal LCD reference ladder is powered down and unconnected
bit 3
Unimplemented
: Read as ‘0’
Note 1:
When using the external resistor ladder biasing, the LCDBIASx pins should be made analog and the
respective TRIS bits should be set as inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com