Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ128GA310 Datasheet(PDF) 273 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 273 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 269Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 270Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 271Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 272Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 273Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 274Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 275Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 276Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 277Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 406 page
background image
 2010-2011 Microchip Technology Inc.
DS39996F-page 273
PIC24FJ128GA310 FAMILY
bit 2-0
LRLAT<2:0>
: LCD Reference Ladder A Time Interval Control bits
Sets the number of 32 clock counts when the A Time Interval Power mode is active.
For Type-A Waveforms (WFT = 0):
111
= Internal LCD reference ladder is in A Power mode for 7 clocks and B Power mode for 9 clocks
110
= Internal LCD reference ladder is in A Power mode for 6 clocks and B Power mode for 10 clocks
101
= Internal LCD reference ladder is in A Power mode for 5 clocks and B Power mode for 11 clocks
100
= Internal LCD reference ladder is in A Power mode for 4 clocks and B Power mode for 12 clocks
011
= Internal LCD reference ladder is in A Power mode for 3 clocks and B Power mode for 13 clocks
010
= Internal LCD reference ladder is in A Power mode for 2 clocks and B Power mode for 14 clocks
001
= Internal LCD reference ladder is in A Power mode for 1 clock and B Power mode for 15 clocks
000
= Internal LCD reference ladder is always in B Power mode
For Type-B Waveforms (WFT = 1):
111
= Internal LCD reference ladder is in A Power mode for 7 clocks and B Power mode for 25 clocks
110
= Internal LCD reference ladder is in A Power mode for 6 clocks and B Power mode for 26 clocks
101
= Internal LCD reference ladder is in A Power mode for 5 clocks and B Power mode for 27 clocks
100
= Internal LCD reference ladder is in A Power mode for 4 clocks and B Power mode for 28 clocks
011
= Internal LCD reference ladder is in A Power mode for 3 clocks and B Power mode for 29 clocks
010
= Internal LCD reference ladder is in A Power mode for 2 clocks and B Power mode for 30 clocks
001
= Internal LCD reference ladder is in A Power mode for 1 clock and B Power mode for 31 clocks
000
= Internal LCD reference ladder is always in B Power mode
REGISTER 21-6:
LCDREF: LCD REFERENCE LADDER CONTROL REGISTER (CONTINUED)
Note 1:
When using the external resistor ladder biasing, the LCDBIASx pins should be made analog and the
respective TRIS bits should be set as inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com