Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWLP2450124B02 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # SWLP2450124B02
Description  12mm*12mm*4mm 2.4GHz SMD Patch Antenna
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SWLP2450124B02 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SWLP2450124B02 Datasheet HTML 5Page - List of Unclassifed Manufacturers SWLP2450124B02 Datasheet HTML 6Page - List of Unclassifed Manufacturers SWLP2450124B02 Datasheet HTML 7Page - List of Unclassifed Manufacturers SWLP2450124B02 Datasheet HTML 8Page - List of Unclassifed Manufacturers SWLP2450124B02 Datasheet HTML 9Page - List of Unclassifed Manufacturers SWLP2450124B02 Datasheet HTML 10Page - List of Unclassifed Manufacturers SWLP2450124B02 Datasheet HTML 11Page - List of Unclassifed Manufacturers SWLP2450124B02 Datasheet HTML 12Page - List of Unclassifed Manufacturers SWLP2450124B02 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
SPE-13-8-007/A/SS | page 10 of 13
4. Shape and Dimensions
 
Name
Material
Finish
QTY
1 SWLP.12 Patch 12x12x4
Ceramic
Clear
1
2 Match Component (Capacitor)
Ceramic
White
3
NOTE:
1. Silver area
2. Solder mask
3. Area to be soldered
4. Feed area
5. Clearance area
6. Match Component (Capacitor)
7. Unique dimensioning according to your PCB inductor and capacitor values according to your specific device
8. Dimensions of 50 Ohm CPW dependent on individual board
9. Matching circuit capacitor and inductor values dependent on individual environment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com