Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWLP2450124B02 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SWLP2450124B02
Description  12mm*12mm*4mm 2.4GHz SMD Patch Antenna
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SWLP2450124B02 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SWLP2450124B02 Datasheet HTML 1Page - List of Unclassifed Manufacturers SWLP2450124B02 Datasheet HTML 2Page - List of Unclassifed Manufacturers SWLP2450124B02 Datasheet HTML 3Page - List of Unclassifed Manufacturers SWLP2450124B02 Datasheet HTML 4Page - List of Unclassifed Manufacturers SWLP2450124B02 Datasheet HTML 5Page - List of Unclassifed Manufacturers SWLP2450124B02 Datasheet HTML 6Page - List of Unclassifed Manufacturers SWLP2450124B02 Datasheet HTML 7Page - List of Unclassifed Manufacturers SWLP2450124B02 Datasheet HTML 8Page - List of Unclassifed Manufacturers SWLP2450124B02 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SPE-13-8-007/A/SS | page 1 of 13
SWLP.2450.12.4.B.02
Specification
Part No.
SWLP.2450.12.4.B.02
Product Name
12mm*12mm*4mm 2.4GHz SMD Patch Antenna
Feature
For Wi-Fi/WLAN/ISM/Zigbee Industrial Applications
ROHS Compliant
High Gain 2dBi
Bottom
Top


Similar Part No. - SWLP2450124B02

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
SWLP2450124B02 TAOGLAS-SWLP2450124B02 Datasheet
1Mb / 18P
12*12*4mm 2.4GHz SMD Patch Antenna
More results

Similar Description - SWLP2450124B02

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
MP43050 EUROQUARTZ-MP43050 Datasheet
115Kb / 1P
12mm x 4.5mm SMD
logo
E-SWITCH
TL1100 E-SWITCH-TL1100_1 Datasheet
286Kb / 3P
TACT SWITCHES - 12mm x 12mm
logo
List of Unclassifed Man...
AP12B070046A ETC2-AP12B070046A Datasheet
1Mb / 13P
12mm Two Stage Active GPS Patch Antenna
logo
Taoglas antenna solutio...
SGGP124A02 TAOGLAS-SGGP124A02 Datasheet
1Mb / 18P
12mm GPS/GLONASS/GALILEO SMT Mount Ceramic Patch Antenna
SWLP2450124B02 TAOGLAS-SWLP2450124B02 Datasheet
1Mb / 18P
12*12*4mm 2.4GHz SMD Patch Antenna
AP12B070046A TAOGLAS-AP12B070046A Datasheet
565Kb / 9P
12mm Two Stage Active GPS Patch Antenna
SGGP.12.4.A.02 TAOGLAS-SGGP.12.4.A.02_17 Datasheet
1Mb / 18P
12mm GPS/GLONASS/GALILEO SMT Mount Ceramic Patch Antenna
logo
Maxtena Inc.
MIA-GPS-12-C MAXTENA-MIA-GPS-12-C Datasheet
1Mb / 3P
Embedded GPS Active Antenna ??12mm
REV A
MIA-GPS-12-HC MAXTENA-MIA-GPS-12-HC Datasheet
383Kb / 1P
GPS ACTIVE ANTENNA - 12MM - HIGH CURRENT
MPA-124-C MAXTENA-MPA-124-C Datasheet
1Mb / 3P
L1 GPS Passive Microstrip Antenna ??12mm
REV A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com