Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWLP2450124B02 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SWLP2450124B02
Description  12mm*12mm*4mm 2.4GHz SMD Patch Antenna
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SWLP2450124B02 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SWLP2450124B02 Datasheet HTML 1Page - List of Unclassifed Manufacturers SWLP2450124B02 Datasheet HTML 2Page - List of Unclassifed Manufacturers SWLP2450124B02 Datasheet HTML 3Page - List of Unclassifed Manufacturers SWLP2450124B02 Datasheet HTML 4Page - List of Unclassifed Manufacturers SWLP2450124B02 Datasheet HTML 5Page - List of Unclassifed Manufacturers SWLP2450124B02 Datasheet HTML 6Page - List of Unclassifed Manufacturers SWLP2450124B02 Datasheet HTML 7Page - List of Unclassifed Manufacturers SWLP2450124B02 Datasheet HTML 8Page - List of Unclassifed Manufacturers SWLP2450124B02 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SPE-13-8-007/A/SS | page 2 of 13
This 12mm*12mm*4mm high gain 2.4GHz
patch antenna is ideally suited for high
performance industrial applications in Wi-fi,
ISM, Zigbee bands.
This product has highest gain in the XZ
(azimuth) plane direction, most suitable
for fixed wireless applications where
transmission and reception is focused to
one hemisphere of the device,
for example a wireless meter on a
reinforced concrete wall.
It can also be placed anywhere on
the device ground-plane, unlike most
chip or loop antennas which need to be
edge mounted.
1. Introduction
2. Key Antenna Performance Indicators*
No.
Parameter
Specification
1
Range of Receiving Frequency
2400 MHz to 2500 MHz
2
Bandwidth
100 MHz @ -7dB
3
Polarization
Linear
VSWR
3.0 max @ Center Frequency
Peak Gain
+2 dBi typ.
Impedance
50 Ohms
4
Dimensions
12mm x 12mm x 4mm
5
Operating Temperature
-40℃ to +85℃
6
Storage Temperature
-40℃ to +85℃
Termination
Ag (Environmentally Friendly Pb Free)
Original Patch Specification measured on EVB 50*50mm, actual value depends on ground-plane and housing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com