Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWLP2450124B02 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SWLP2450124B02
Description  12mm*12mm*4mm 2.4GHz SMD Patch Antenna
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SWLP2450124B02 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SWLP2450124B02 Datasheet HTML 1Page - List of Unclassifed Manufacturers SWLP2450124B02 Datasheet HTML 2Page - List of Unclassifed Manufacturers SWLP2450124B02 Datasheet HTML 3Page - List of Unclassifed Manufacturers SWLP2450124B02 Datasheet HTML 4Page - List of Unclassifed Manufacturers SWLP2450124B02 Datasheet HTML 5Page - List of Unclassifed Manufacturers SWLP2450124B02 Datasheet HTML 6Page - List of Unclassifed Manufacturers SWLP2450124B02 Datasheet HTML 7Page - List of Unclassifed Manufacturers SWLP2450124B02 Datasheet HTML 8Page - List of Unclassifed Manufacturers SWLP2450124B02 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SPE-13-8-007/A/SS | page 3 of 13
CH1 RFL
LOG
3 dB / REF 0 dB
1: - 9.6848 dB
2 450 . 000 000 MHz
3. Mechanical Specifications
3.1 Return Loss
17 Dec 2009
15 : 32 : 22
2.45 GHz
3
2
1
4
tp
*
C
CENTER 2 450.000 000 MHz
SPAN 300.000 000 MHz
With 50×50mm2 Evaluation board
CH1 Markers
BW: 105.198138 MHz
cent: 2452.887929 MHz
Q: 23.317
1 loss: -9.6848 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com