Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWLP2450124B02 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # SWLP2450124B02
Description  12mm*12mm*4mm 2.4GHz SMD Patch Antenna
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SWLP2450124B02 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button SWLP2450124B02 Datasheet HTML 5Page - List of Unclassifed Manufacturers SWLP2450124B02 Datasheet HTML 6Page - List of Unclassifed Manufacturers SWLP2450124B02 Datasheet HTML 7Page - List of Unclassifed Manufacturers SWLP2450124B02 Datasheet HTML 8Page - List of Unclassifed Manufacturers SWLP2450124B02 Datasheet HTML 9Page - List of Unclassifed Manufacturers SWLP2450124B02 Datasheet HTML 10Page - List of Unclassifed Manufacturers SWLP2450124B02 Datasheet HTML 11Page - List of Unclassifed Manufacturers SWLP2450124B02 Datasheet HTML 12Page - List of Unclassifed Manufacturers SWLP2450124B02 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
SPE-13-8-007/A/SS | page 13 of 13
6. Recommended Reflow Temperature Profile
Temp(°C)
240 °C
230 °C
180 °C
0° C
60-120sec
10-30sec
Time (s)
5 sec (Peak 245°C)
6.1 Flux, Solder
6.2 Reflow soldering conditions
6.3 Reworking with soldering iron
• Use rosin-based flux. Don’t use highly acidic flux with halide content exceeding 0.2wt%(chlorine conversion value).
• Use Sn solder.
• Pre-heating should be in such a way that the temperature difference between solder and product surface is limited to 150℃ max.
Cooling into solvent after soldering also should be in such a way that temperature difference is limited to 100℃ max.
Unwrought pre-heating may cause cracks on the product, resulting in the deterioration of products quality.
Pre-heating
150°, 1 min
Tip temperature
290° max
Soldering iron output
30w max
Soldering time
3 second max
• The following conditions must be strictly followed when using a soldering iron



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com