Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJ22FP201 Datasheet(PDF) 13 Page - Bourns Electronic Solutions

Part # RJ22FP201
Description  3006 - Trimpot짰 Trimming Potentiometer
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

RJ22FP201 Datasheet(HTML) 13 Page - Bourns Electronic Solutions

Back Button RJ22FP201 Datasheet HTML 9Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 10Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 11Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 12Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 13Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 14Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 15Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 16Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 17Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 86 page
background image
3252/RJ22 - 1/2” Square Trimming Potentiometer
1.52
(.060)
3252P/RJ22
Common Dimensions
(Pin Styles)
2.54
(.100)
3252W/RJ22
5.59
(.220)
3
1
2
2
1
3
12.7
(.500)
TYP.
12.7
(.500)
TYP.
1.98
(.078)
DIA. THRU
(2 PLACES)
TYP.
13.21
(.520)
2.54
(.100)
2.54
(.100)
6.35
(.250)
6.35
(.250)
13.34
± .64
(.525
± .025)
.71
± .08
(.028
± .003) DIA. TYP.
1.78
(.070)
TYP.
5.59
(.220)
2.54
(.100)
2.54
(.100)
2.79
(.110)
6.35
(.250)
ADJ. SLOT
2.03
± .38
(.080
± .015)
.64
(.025)
.50
(.020)
WIDE
X
X
DEEP
DIA.
3252L/RJ22
1.52
(.060)
4.75
(.187)
3252X/RJ22
2
1
3
6.35
(.250)
13.21
(.520)
2.36
(.093)
1.52
(.060)
.89
(.035)
TYP.
TYP.
12.70
(.500)
12.70
(.500)
152.4
(6.00)
LENGTH
MIN.
2.54
(.100)
2.54
(.100)
1.78
(.070)
5.59
(.220)
Specifications are subject to change without notice.
17
Resistance
Resistance
(Ohms)
Code
10
100
20
200
50
500
100
101
200
201
500
501
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
25,000
253
50,000
503
100,000
104
200,000
204
500,000
504
1,000,000
105
2,000,000
205
Features
s
Multiturn / Cermet / Sealed
s
Listed on the QPL for style RJ22 per
MIL-R-22097
s
Panel mount option available
(see page 73 for details)
Electrical Characteristics
Standard Resistance Range
3252 ..............................10 to 2 megohms
RJ22................................10 to 1 megohm
(see standard resistance table)
Resistance Tolerance .................±10% std.
.......................(tighter tolerance available)
Absolute Minimum Resistance
3252...........................1% or 2 ohms max.
(whichever is greater)
RJ22 .......................................1 ohm max.
Contact Resistance Variation
3252...........................1% or 2 ohms max.
(whichever is greater)
RJ22 ..........................2% or 2 ohms max.
(whichever is greater)
Adjustability
Voltage..........................................±0.01%
Resistance ....................................±0.05%
Resolution.........................................Infinite
Insulation Resistance ....................500 vdc.
1,000 megohms min.
Dielectric Strength
Sea Level ...................................1,000 vac
80,000 Feet...................................400 vac
Effective Travel......................25 turns nom.
Environmental Characteristics
Power Rating @ 85°C (400 volts max.)
3252 ...........................................0.75 watt
RJ22 ...........................................0.50 watt
Power Rating @ 150°C ......................0 watt
Temperature Range ..........-65°C to +150°C
Temperature Coefficient .........±100ppm/°C
Seal Test ............................85°C Fluorinert*
(pin styles only)
Humidity
3252 ..............MIL-STD-202 Method 103;
96 hours (1%
∆TR; 100 Megohms IR)
RJ22 ................MIL-STD-202 Method 106
(1%
∆TR; 10 Megohms IR)
Vibration
3252 ....................30G (1%
∆TR; 1% ∆VR)
RJ22....................20G (1%
∆TR; 1% ∆VR)
Shock..................100G (1%
∆TR; 1% ∆VR)
Load Life
3252 .........1,000 hours 0.75 watt @ 85°C
(3%
∆TR; 3% or 3 ohms,
whichever is greater, CRV)
RJ22 ...........1,000 hours 0.5 watt @ 85°C
(2%
∆TR; 1%∆VR)
Rotational Life ............................200 cycles
3252 ..................(2%
∆TR; 3% or 3 ohms,
whichever is greater, CRV)
RJ22.............................................2%
∆TR
Physical Characteristics
Torque..................................5.0 oz-in. max.
Mechanical Stops......................Wiper idles
Terminals
3252 ..........Solderable printed circuit pins
RJ22 ...............MIL-STD-202; Method 208
Flexible leads ..........(7 strands of 30 AWG)
Weight ..........................................0.065 oz.
Wiper ...................................Set at CW end
Flammability ...............................U.L. 94V-0
1
3 GREEN
CW
CLOCKWISE
YELLOW
CCW
2 WIPER
RED
Standard Resistance Table
Popular values listed in boldface. Special
resistances available.
How To Order
3252 L - 1 - 103 M
Model
Style
Standard or Modified
Product Indicator
-1 = Standard Product
Resistance Code
Optional Suffix Letter
M = Panel Mount (Factory Installed)
See page 81 for RJ22 ordering information.
Consult factory for other available options.
SHADED AREAS TYPICALLY NOT STOCKED BY
DISTRIBUTORS AND NOT RECOMMENDED FOR NEW
DESIGNS.
DIMENSIONS ARE:
METRIC
(INCHES)
TOLERANCES: ± 0.25 (.010) EXCEPT WHERE NOTED
Machine Screw Mounting
Torque...................................12 oz-in. max.
Marking
3252 ................Manufacturer’s trademark,
resistance code, wiring diagram,
date code, manufacturer’s model
number and style
RJ22 .......................Mil-spec part number
Standard Packaging
X, P&W Styles .................25 pcs. per tube
L Style ..............................25 pcs. per bag
Adjustment Tool ..................................H-90
*”FLUORINERT” IS A REGISTERED TRADEMARK OF 3M CO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com