Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJ22FP201 Datasheet(PDF) 21 Page - Bourns Electronic Solutions

Part # RJ22FP201
Description  3006 - Trimpot짰 Trimming Potentiometer
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

RJ22FP201 Datasheet(HTML) 21 Page - Bourns Electronic Solutions

Back Button RJ22FP201 Datasheet HTML 17Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 18Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 19Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 20Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 21Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 22Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 23Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 24Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 25Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 86 page
background image
Specifications are subject to change without notice.
25
3292 - 3/8” Square Trimming Potentiometer
Features
s
Multiturn / Cermet / Industrial / Sealed
s
Optional panel mount available
(see page 73 for details)
s
Patent #4427966 drive mechanism
s
Thin body profile
Electrical Characteristics
Standard Resistance Range
....................................10 to 1 megohm
(see standard resistance table)
Resistance Tolerance .............±10% std.
(tighter tolerance available)
Absolute Minimum Resistance
...............................1% or 2 ohms max.
(whichever is greater)
Contact Resistance Variation
3292....................1.0% or 3 ohms max.
(whichever is greater)
Adjustability
Voltage......................................±0.01%
Resistance ................................±0.05%
Resolution.....................................Infinite
Insulation Resistance ................500 vdc.
1,000 megohms min.
Dielectric Strength
Sea Level ...............................1,000 vac
80,000 Feet...............................400 vac
Effective Travel..................25 turns nom.
Environmental Characteristics
Power Rating (400 volts max.)
85°C .........................................0.5 watt
150°C ..........................................0 watt
Temperature Range ......-65°C to +150°C
Temperature Coefficient .....±100ppm/°C
Seal Test ........................85°C Fluorinert*
(pin styles only)
Humidity........MIL-STD-202 Method 103
96 hours (1%
∆TR, 100 Megohms IR)
Vibration............30G (1%
∆TR; 1% ∆VR)
Shock..............100G (1%
∆TR; 1% ∆VR)
Load Life ..1,000 hours 0.5 watt @ 85°C
(2%
∆TR; 3% or 3 ohms,
whichever is greater, CRV)
Rotational Life ........................200 cycles
(2%
∆TR; 3% or 3 ohms,
whichever is greater, CRV)
Physical Characteristics
Torque .............................5.0 oz-in. max.
Mechanical Stops..................Wiper idles
Terminals
..............Solderable printed circuit pins
Weight ......................................0.025 oz.
Machine Screw Mounting
Torque ..............................12 oz-in. max.
Marking
....................Manufacturer’s trademark,
resistance code, wiring diagram, date
code, manufacturer’s model number
and style
Wiper ...........Positioned at 50% nominal
Flammability ...........................U.L. 94V-0
Standard Packaging
P,W &X Styles ..............50 pcs. per tube
L Style ..........................50 pcs. per bag
Adjustment Tool ..............................H-90
1
3 GREEN
CW
CLOCKWISE
YELLOW
CCW
2 WIPER
RED
2.54
(.010)
MIN.*
8.26
± .635*
(.325
± .025)
3292X
3 2
1
1.27
*
(.050)
9.53
± .38
(.375
± .015)
.51
± .03
(.020
± .001)
DIA. TYP.
TYP.
*
9.53
± .38
(.375
± .015)
TYP.
*
2.54
(.100)
4.75
± .51*
(.187
± .020)
2.54
(.100)
1.52
*
(.060)
1.02
*
(.040)
1.91
*
(.075)
How To Order
3292 W - 1 - 103 M
Model
Style
Standard or Modified
Product Indicator
-1 = Standard Product
Resistance Code
Optional Suffix Letter
M = Panel Mount Model 3292L, W & X
(Factory Installed)
Consult factory for other available options.
Resistance
Resistance
(Ohms)
Code
10
100
20
200
50
500
100
101
200
201
500
501
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
25,000
253
50,000
503
100,000
104
200,000
204
250,000
254
500,000
504
1,000,000
105
Standard Resistance Table
Popular values listed in boldface. Special
resistances available.
8.26
± .635*
(.325
± .025)
3292W
1 2
3
10.64
(.419)
45
° ± 3°
152.4
(6.00)
MIN. LENGTH
WIRE SIZE: 30AWG
3292L
Common Dimensions
3292P
8.26
± .635
(.325
± .025)
4.75
± .51
(.187
± .020)
.254
(.010)
1
2
3
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
1.91
(.075)
9.53
± .38
(.375
± .015)
9.53
± .38
(.375
± .015)
.381 + .25/-.13*
(.150 +.010/-.005)
4.75
± .51*
(.187
± .020)
1.02
(.040)
1.57
(.062)
MIN.
MIN.
ADJ. SLOT
1.52
(.060)
.51
(.020)
.64
(.025)
WIDE
X
X
DEEP
DIA.
ADJ. SLOT
2.29
(.090)
.56
(.022)
.76
(.030)
WIDE
X
X
DEEP
*
DIA.
DIMENSIONS ARE:
METRIC
(INCHES)
TOLERANCES: ± 0.25 (.010) EXCEPT WHERE NOTED
*”FLUORINERT” IS A REGISTERED TRADEMARK OF 3M CO.
SHADED AREAS TYPICALLY NOT STOCKED BY
DISTRIBUTORS AND NOT RECOMMENDED FOR NEW
DESIGNS.
*Common dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com