Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJ22FP201 Datasheet(PDF) 39 Page - Bourns Electronic Solutions

Part # RJ22FP201
Description  3006 - Trimpot짰 Trimming Potentiometer
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

RJ22FP201 Datasheet(HTML) 39 Page - Bourns Electronic Solutions

Back Button RJ22FP201 Datasheet HTML 35Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 36Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 37Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 38Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 39Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 40Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 41Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 42Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 43Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 86 page
background image
Specifications are subject to change without notice.
43
Packaging Specifications
Packaging Specifications
DIMENSIONS ARE:
METRIC
(INCHES)
TOLERANCES: ± 0.30 (.012) EXCEPT WHERE NOTED
3314 - 4mm Square Trimming Potentiometer
Standard Resistance Table
Popular values listed in boldface. Special
resistances available.
Resistance
Resistance
(Ohms)
Code
10
100
20
200
50
500
100
101
200
201
500
501
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
50,000
503
100,000
104
200,000
204
250,000
254
500,000
504
1,000,000
105
2,000,000
205
SHADED AREAS TYPICALLY NOT STOCKED BY
DISTRIBUTORS AND NOT RECOMMENDED FOR NEW
DESIGNS.
TAPE
177.8
± 2.03
(7.00
± .080)
DIA. REF.
13.0
± .508
(.512
± .020)
DIA.
1.78
± .254
(.070
± .010)
EQUAL SPACED
3 PLCS.
21.01
± .789
(.000
± .000)
DIA.
2.67
± .254
(.105
± .010)
59.18
± 2.03
(2.330
± .080)
12.4 + 2.01/ -.000
(.488 + .079/-.000)
REEL
3.29
± .10
(.130
± .004)
.30 MAX.
(0.12)
5.52
± 0.05
(.217
± .002)
1.5 + .10/ –.00
(.059 + .004-.00)
DIA.
4.00
± .10
(.157
± .004)
2.00
± .05
(.079
± .002)
1.75
± .10
(.068
± .004)
12.00
± .30
(4.72
± .012
5.26
± .10
(.207
± .004)
6.45
± 0.10
(.254
± .004)
Meets EIA specification 481.
1.50 + 0.30
DIA.
(.059
± .012)
6
° ± 2°
(R Style)
REEL
59.18
± 2.03
(2.330
± .080)
2.67
± .25
(.105
± .010)
21.01
± .79
(.827
± .031)
DIA.
1.78
± .25
(.070)
± .010)
13.0
± .51
(.512
± .020)
DIA.
177.8
± 2.03
(7.000
± .080)
16.4 + 2.0/ -.00
(.646 + .079/ - .00)
DIA.
16.00
± 0.3
(.630
± 0.012)
1.5 + 0.1/-0.0
(0.59 +.004 /-0.0)
R
TYP.
0.5
(.020)
DIA.
MIN.
DIA.
1.5
(.059)
12.0
(.472)
7.5
(.295)
TAPE
1.75
(.069)
6.0
(.236)
4.0
(.157)
2.0
(.079)
5.5
(.217)
9.1
(.358)
B
5º MAX.
MAX.
0.40
(.016)
(Z Style)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com