Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJ22FP201 Datasheet(PDF) 41 Page - Bourns Electronic Solutions

Part # RJ22FP201
Description  3006 - Trimpot짰 Trimming Potentiometer
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

RJ22FP201 Datasheet(HTML) 41 Page - Bourns Electronic Solutions

Back Button RJ22FP201 Datasheet HTML 37Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 38Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 39Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 40Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 41Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 42Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 43Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 44Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 45Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 86 page
background image
Specifications are subject to change without notice.
45
1
2
3
MOUNTING
SURFACE
HEX THRU HOLE
2.0
(.079 )
3319P-3 Both Sides Adjust/Hex
9.0
± .51
(.354
± .020)
11.5
± .51
(.453
± .020)
1
3
2
6.35
± .51
(.250
± .020)
10.34
± .51
(.407
± .020)
4.0
(.157)
MOUNTING
SURFACE
3319P Common Dimensions
3319P-1 Top Adjust
3319P-2 Both Sides Adjust/Cross Slot
2.29
± .51
(.090
± .020)
1.2
(.047)
2
2
SUGGESTED PWB LAYOUT - 3319P
1.2
± .18
(.047
± .007)
10.0
± .18
(.394
± .007)
ADJ.
CROSS SLOT
.80
± .15
(.031
± .006)
2.0
± .15
(.079
± .006)
3.4
± .15
(.134
± .006)
11.5
± .51
(.453
± .020)
WIDE
X
X
DEEP
LONG
5.0
(.197)
5.0
(.197)
5.0
(.197)
9.0
± .51
(.354
± .020)
2.5
(.098)
5.0
(.197)
2.5
(.098)
4.0
(.157)
4.0
(.157)
5.8
± .51
(.228
± .020)
5.8
± .51
(.228
± .020)
10.34
± .51
(.407
± .020)
4.0
(.157)
MOUNTING
SURFACE
2
10.34
± .51
(.407
± .020)
2.5
± .18
(.098
± .007)
5.0
± .18
(.197
± .007)
DIA. 3 PLCS.
DIA. -2, -3 ONLY
ACROSS FLATS
How To Order
3319 W - 2 - 103
Model
Pin Style
Rotor Style
-2 = Cross Slot/Single Slot Rear Adjust
-3 = 2mm Hex Thru Hole
Resistance Code
3319 - 9mm Round Trimming Potentiometer
Features
s
9mm Round / Single Turn / Carbon
Commercial / Open Frame
s
Both sides adjust
s
Cross slot and hexagon adjustment
designs
s
Horizontal and vertical mounting styles
s
Dust resistant/splash resistant covers
s
PC board stand-offs and retention feature
Electrical Characteristics
Standard Resistance Range
.................................100 to 1 megohm
(see standard resistance table)
Resistance Tolerance .............±25% std.
End Resistance
....................2% max. (
≤2K = 30 ohms)
Contact Resistance Variation
...............................................3% max.
Resolution.....................................Infinite
Adjustment Angle ...................235° nom.
Environmental Characteristics
Power Rating (200 volts max.)
70°C.........................................0.2 watt
Temperature Range
...................................-25°C to +100°C
Temperature Coefficient
.......................................±1000ppm/°C
Load Life
...............1,000 hours 0.2 watt @ 70°C
(<100K = +3/-7%
∆TR)
(
≥100K = +3/-10% ∆TR)
Physical Characteristics
Torque (Operating)
.........................................5 oz-in. max.
Stop Strength
....................................11.0 oz -in. min.
Terminals ........................Solderable pins
Marking ...........................Manufacturer’s
trademark, resistance code
Standard Packaging
..................................200 pcs. per bag
Adjustment Tool ..............................H-90
Aqueous cleaning not recommended
DIMENSIONS ARE:
METRIC
(INCHES)
TOLERANCES: ± 0.25 (.010) EXCEPT WHERE NOTED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com