Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJ22FP201 Datasheet(PDF) 32 Page - Bourns Electronic Solutions

Part # RJ22FP201
Description  3006 - Trimpot짰 Trimming Potentiometer
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

RJ22FP201 Datasheet(HTML) 32 Page - Bourns Electronic Solutions

Back Button RJ22FP201 Datasheet HTML 28Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 29Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 30Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 31Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 32Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 33Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 34Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 35Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 36Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 86 page
background image
Specifications are subject to change without notice.
36
3306 - 6mm Round Trimming Potentiometer
Resistance
Resistance
(Ohms)
Code
100
101
200
201
500
501
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
25,000
253
50,000
503
100,000
104
200,000
204
250,000
254
500,000
504
1,000,000
105
Features
s
6mm Round / Single-Turn / Cermet
Industrial / Open Frame
s
Cross slot adjustment options
s
Horizontal and vertical mounting styles
s
Dust resistant/splash resistant covers
s
PC board stand-offs and retention feature
s
Front and top adjust styles
Electrical Characteristics
Standard Resistance Range
..................................100 to 1 megohm
(see standard resistance table)
Resistance Tolerance .............±25% std.
Absolute Minimum Resistance
.....................2% max. (
≤2K = 30 ohms)
Contact Resistance Variation ...3% max.
Resolution.....................................Infinite
Adjustment Angle ...................215° nom.
Environmental Characteristics
Power Rating (100 volts max.)
70°C .........................................0.2 watt
Temperature Range ......-25°C to +100°C
Temperature Coefficient .....±250ppm/°C
Load Life ..1,000 hours 0.2 watt @ 70°C
(5%
∆TR)
Physical Characteristics
Mechanical Angle....................260° ±20°
Torque (Operating)...........4.5 oz-in. max.
Stop Strength ..................6.5 oz -in. min.
Terminals ........................Solderable pins
Marking ...........................Manufacturer’s
trademark, resistance code
Standard Packaging ....300 pcs. per bag
Adjustment Tool ..............................H-90
Aqueous cleaning not recommended
7.62
± .76
(.300
± .030)
6.81
± .51
(.268
± .020)
3.4
(.134)
8.10
± .51
(.319
± .020)
5.0
(.197)
2.5
(.098)
1
2
3
Top Adjust
Common Dimensions
3306P
3.51
(.138)
3.0
(.118)
2.50
± .51
(.098
± .020)
MOUNTING
SURFACE
2
3306F
5.0
± .51
(.197
± .020)
MOUNTING
SURFACE
2
2.50
± .18
(.098
± .007)
5.0
± .18
(.197
± .007)
SUGGESTED PWB LAYOUT - STYLE F
1.0
± .10
(.039
± .004)
SUGGESTED PWB LAYOUT - STYLES K, P, W
2
4.5
± .51
(.177
± .020)
2
3306K
3306W
Side Adjust
Common Dimensions
MOUNTING
SURFACE
1
2
3
ADJ.
CROSS SLOT
.80
± .15
(.031
± .006)
3.4
± .15
(.134
± .006)
2.01
± .15
(.079
± .006)
5.0
(.197)
2.5
(.098)
3.05
± .76
(.120
± .030)
3.51
(.138)
2.50
± .51
(.098
± .020)
2.50
± .51
(.098
± .020)
5.0
± .51
(.197
± .020)
5.0
± .18
(.197
± .007)
5.0
± .18
(.197
± .007)
2.50
± .18
(.098
± .007)
2.50
± .18
(.098
± .007)
7.62
± .76
(.300
± .030)
WIDE
X
X
LONG
DEEP
ADJ.
CROSS SLOT
.80
± .15
(.031
± .006)
3.4
± .15
(.134
± .006)
2.01
± .15
(.079
± .006)
WIDE
X
X
LONG
DEEP
6.81
± .51
(.268
± .020)
8.4
± .51
(.331
± .020)
DIA. 3 PLCS.
1.0
± .10
(.039
± .004)
DIA. 3 PLCS.
4.5
± .51
(.177
± .020)
Standard Resistance Table
SHADED AREA NOT TYPICALLY STOCKED BY
DISTRIBUTORS AND NOT RECOMMENDED FOR NEW
DESIGNS.
1
3 CW
CLOCKWISE
CCW
2 WIPER
How To Order
3306 W - 1 - 103
Model
Style
Standard Product
Resistance Code
DIMENSIONS ARE:
METRIC
(INCHES)
TOLERANCES: ± 0.25 (.010) EXCEPT WHERE NOTED
Popular values listed in boldface. Special
resistances available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com