Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECIO28 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ECIO28
Description  Introduction
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ECIO28 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ECIO28 Datasheet HTML 1Page - List of Unclassifed Manufacturers ECIO28 Datasheet HTML 2Page - List of Unclassifed Manufacturers ECIO28 Datasheet HTML 3Page - List of Unclassifed Manufacturers ECIO28 Datasheet HTML 4Page - List of Unclassifed Manufacturers ECIO28 Datasheet HTML 5Page - List of Unclassifed Manufacturers ECIO28 Datasheet HTML 6Page - List of Unclassifed Manufacturers ECIO28 Datasheet HTML 7Page - List of Unclassifed Manufacturers ECIO28 Datasheet HTML 8Page - List of Unclassifed Manufacturers ECIO28 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ECXX-60-2
PICmicro and PIC are trademarks of Microchip Technology Inc.
ARM is a trademark of ARM plc. ECIO and E-blocks are
trademarks of Matrix Multimedia Limited.
Page 3
Copyright © 2008
Matrix Multimedia Limited
1.USB socket
2.PICmicro microcontroller device
3.4MHz ceramic resonator
4.Power / Programming LED
5.Reset switch
6.Power selection jumper
7.Device pins - 0.6” DIL compatible
Picture shows ECIO-40P. ECIO-28P is
similar.
Package details - ECIO28P, ECIO40P
ECIO-40P
Processor
8 bit 18 series PICmicro
Base chip:
PIC18F4455
Oscillator:
4MHz ext., 48MHz internal
IO lines:
30
A/D:
13 x10 bit
A/D sample rate
100ksps
Program memory 24K Bytes
RAM
2K bytes
EEPROM
256 bytes
Power
5V, USB or external
PWM channels
5
Timers
1 x 8 bit, 3 x 16 bit
Interfaces
EUSART, MI2C, SPI, USB2.0
Package
40 pin DIP, 0.6”, compatible
Processor
8 bit 18 series PICmicro
Base chip:
PIC18F2455
Oscillator:
4MHz ext., 48MHz internal
IO lines:
19
A/D:
10 x10 bit
A/D sample rate
100ksps
Program memory 24K Bytes
RAM
2K bytes
EEPROM
256 bytes
Power
5V, USB or external
PWM channels
2
Timers
1 x 8 bit, 3 x 16 bit
Interfaces
EUSART, MI2C, SPI, USB2.0
Package
28 pin, 0.6”, DIP compatible
ECIO-28P
1
2
6
4
5
7
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com