Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECIO28 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ECIO28
Description  Introduction
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ECIO28 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ECIO28 Datasheet HTML 1Page - List of Unclassifed Manufacturers ECIO28 Datasheet HTML 2Page - List of Unclassifed Manufacturers ECIO28 Datasheet HTML 3Page - List of Unclassifed Manufacturers ECIO28 Datasheet HTML 4Page - List of Unclassifed Manufacturers ECIO28 Datasheet HTML 5Page - List of Unclassifed Manufacturers ECIO28 Datasheet HTML 6Page - List of Unclassifed Manufacturers ECIO28 Datasheet HTML 7Page - List of Unclassifed Manufacturers ECIO28 Datasheet HTML 8Page - List of Unclassifed Manufacturers ECIO28 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ECXX-60-2
PICmicro and PIC are trademarks of Microchip Technology Inc.
ARM is a trademark of ARM plc. ECIO and E-blocks are
trademarks of Matrix Multimedia Limited.
Page 4
Copyright © 2008
Matrix Multimedia Limited
1.USB socket - miniature version
2.3.3V regulator
3.Reset switch
4.Power / Programming LED
5. ARM microcontroller device
6.18.43 MHz ceramic resonator
7.Power selection jumper
8.Device pins
Package details - ECRM40P
ECRM40
Processor
32 bit, AT91 ARM 7 core
Base chip:
AT91SAM7S128
Oscillator:
18.43MHz ext, 47.92MHz internal
IO lines:
34
A/D:
8 x10 bit
A/D sample rate
300ksps
Program memory 128K Bytes
RAM
32K bytes
EEPROM
0 (internal ROM overwrite)
Power
5V, USB or external
PWM channels
4
Timers
3 x 16 bit, 2 x 32 bit
Interfaces
2 x EUSART, MI2C, SPI, USB2.0
Package
40 pin DIP, 0.6”, compatible
1
2
3
5
6
7
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com