Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECIO28 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ECIO28
Description  Introduction
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ECIO28 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ECIO28 Datasheet HTML 1Page - List of Unclassifed Manufacturers ECIO28 Datasheet HTML 2Page - List of Unclassifed Manufacturers ECIO28 Datasheet HTML 3Page - List of Unclassifed Manufacturers ECIO28 Datasheet HTML 4Page - List of Unclassifed Manufacturers ECIO28 Datasheet HTML 5Page - List of Unclassifed Manufacturers ECIO28 Datasheet HTML 6Page - List of Unclassifed Manufacturers ECIO28 Datasheet HTML 7Page - List of Unclassifed Manufacturers ECIO28 Datasheet HTML 8Page - List of Unclassifed Manufacturers ECIO28 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ECXX-60-2
PICmicro and PIC are trademarks of Microchip Technology Inc.
ARM is a trademark of ARM plc. ECIO and E-blocks are
trademarks of Matrix Multimedia Limited.
Page 5
Copyright © 2008
Matrix Multimedia Limited
Flowcode software
Flowcode contains standard flow
chart icons and electronic
components that allow to you to
create a virtual electronic system
on screen. Drag icons and
components onto the screen to
create a program, then click on
them to set properties and actions.
Design
Simulate
Download
Once your system is designed you
can use Flowcode to simulate it in
action. Test the system’s
functionality by clicking on switches
or altering sensor values, and see
how your program reacts to the
changes in the electronic system.
When you are happy with your
design click one button to send the
program directly to the ECIO
device. Remove the USB lead and
press the reset button and your
program starts to run.
• Easy to use interface
• Allows complex programs to be
developed and managed quickly
• All I/O and expansion options
are supported in Flowcode
• Simulation aids understanding
• Debug before download
• Shorten the design cycle
• One button download
• Compiles to C then ASM
• Link in your own C files
ECIO devices are fully compatible with Flowcode4 -
one of the world’s most advanced graphical
programming languages for microcontrollers.
The great advantage of Flowcode is that it allows those
with little experience to create complex electronic
systems in minutes. Flowcode achieves this in two
steps: firstly users drag and drop flowchart symbols
onto the screen, and fill in the dialog boxes when
prompted. Then Flowcode compiles the flow chart into
code that is downloaded to a microcontroller which
executes the program.
Flowcode is available in many languages including:
Danish, Dutch, English, Finnish, French, German,
Greek, Spanish, (full translation) and also: Italian,
Mandarin, Romanian, and Thai (menus only).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com