Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECIO28 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ECIO28
Description  Introduction
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ECIO28 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  ECIO28 Datasheet HTML 1Page - List of Unclassifed Manufacturers ECIO28 Datasheet HTML 2Page - List of Unclassifed Manufacturers ECIO28 Datasheet HTML 3Page - List of Unclassifed Manufacturers ECIO28 Datasheet HTML 4Page - List of Unclassifed Manufacturers ECIO28 Datasheet HTML 5Page - List of Unclassifed Manufacturers ECIO28 Datasheet HTML 6Page - List of Unclassifed Manufacturers ECIO28 Datasheet HTML 7Page - List of Unclassifed Manufacturers ECIO28 Datasheet HTML 8Page - List of Unclassifed Manufacturers ECIO28 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ECXX-60-2
PICmicro and PIC are trademarks of Microchip Technology Inc.
ARM is a trademark of ARM plc. ECIO and E-blocks are
trademarks of Matrix Multimedia Limited.
Page 7
Copyright © 2008
Matrix Multimedia Limited
Using FlowKit with ECIO
What does it do?
The FlowKit can be connected to hardware systems to
provide a real time debug facility where it is possible to
step through the Flowcode program on the PC and
step through the program in the hardware at the same
time. This function is available with Flowcode for
PICmicro V4.2 or later.
Benefits
• Helps to solve programming problems
• Seamless program and debug
Features
• Compatible with ECIO, MIAC and Formula
Flowcode systems via the USB lead
• Available for Flowcode for PICmicro V4.2 and later
• Allows start, step, and play of programs
• Allows users to see and alter variable values
Description
Whilst Flowcode simulation allows debug of a system
to a first pass, FlowKit takes debug to a new level by
running the program in the hardware and on the
screen at the same time. The system is controlled from
within the Flowcode environment where controls allow
users to start, stop, pause and step through their
program one icon at a time. Under user control the
Flowcode software shows the location of the program
in the flow chart, the value of all variables in the
program, and allows users to alter the variable values
when the program is paused.
Ordering information
FlowKit pack
HP299
The FlowKit main board
The system is controlled within Flowcode 4.2+
where the icon just executed is clearly marked
Using Flowkit with ECIO and E-blocks adaptor
board
Note that use of FlowKit with ECIO for ARM is
not currently supported.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com