Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECIO28 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ECIO28
Description  Introduction
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ECIO28 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  ECIO28 Datasheet HTML 1Page - List of Unclassifed Manufacturers ECIO28 Datasheet HTML 2Page - List of Unclassifed Manufacturers ECIO28 Datasheet HTML 3Page - List of Unclassifed Manufacturers ECIO28 Datasheet HTML 4Page - List of Unclassifed Manufacturers ECIO28 Datasheet HTML 5Page - List of Unclassifed Manufacturers ECIO28 Datasheet HTML 6Page - List of Unclassifed Manufacturers ECIO28 Datasheet HTML 7Page - List of Unclassifed Manufacturers ECIO28 Datasheet HTML 8Page - List of Unclassifed Manufacturers ECIO28 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ECXX-60-2
PICmicro and PIC are trademarks of Microchip Technology Inc.
ARM is a trademark of ARM plc. ECIO and E-blocks are
trademarks of Matrix Multimedia Limited.
Page 6
Copyright © 2008
Matrix Multimedia Limited
ECIO™ in use
There are several ways of using the ECIO:
With a prototype board
ECIO devices are really useful when used in conjunction
with a prototype board: the ECIO unit simply plugs into the
matrix of holes and the surrounding components are wired
in using single strand wire. The ECIO can be used with an
external power supply or the unit can draw power from
the USB lead itself.
With E-blocks
If you have larger projects, or you want to connect more
advanced systems together, then you can use the E-blocks
adaptor panel (EB061) shown here. This allows you to
connect a large range of boards from simple LED’s and
switches through to CAN sub-systems, etc. This is ideal for
prototyping larger and more complex systems.
With your own hardware
If you are developing your own hardware you can use the
ECIO board as a component: adding ECIO to your system
allows you to develop a product that can be reprogrammed
in the field.
Use with LabView,Visual Basic and
other packages
ECIO can easily be integrated with third party PC based
control packages like Lab View and Visual Basic. This is
enabled by a DLL and a suite of sample programs that can
be downloaded to the ECIO to provide a fully controllable
slave device from PC based applications.
Using a proto board
Using ECIO with E-blocks
Using ECIO in a custom development
LabView and Visual
Basic programs running
on a ECIO



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com