Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OT40F3 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # OT40F3
Description  Switch-disconnectors
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OT40F3 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button OT40F3 Datasheet HTML 9Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 10Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 11Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 12Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 13Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 14Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 15Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 16Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
13
1SCC301001C0201
Technical data
Size
A
20
30
40
60
80
30
60
100
100
200
400
600
Switch type
OT16_
OT25_
OT40_
OT63_
OT80_
OT30_
OT60
OT100_
OT160_
OT200_U
OT400_U
OT600_U
Approvals1)
2 pole
UL 98 & IEC
UL 98 & IEC
UL 98 & IEC
UL 98 & IEC
3 pole
UL508 & IEC
UL508 & IEC
UL508 & IEC
UL508 & IEC
UL508 & IEC
UL 98 & IEC
UL 98 & IEC
UL 98 & IEC
UL 98 & IEC
UL 98 & IEC
UL 98 & IEC
UL 98 & IEC
4 pole
UL508 & IEC
UL508 & IEC
UL508 & IEC
UL508 & IEC
UL508 & IEC
UL 98 & IEC
UL 98 & IEC
UL 98 & IEC
UL 98 & IEC
UL 98 & IEC
UL 98 & IEC
UL 98 & IEC
Technical data according to UL/CSA
AC ratings
General purpose amp rating
pf= 0.7...0.8
-40° to 40 °C
A
20
30
40
60
80
30
60
100
100
200
400
600
Max. oprerating voltage
V
600
600
600
600
600
600
600
600
600
600
600
600
Max. horsepower rating
/motor FLA current
pf= 04...0.5
240 V
HP/A
5/15.2
7.5/22.0
10/28.0
15/42.0
20/54.0
10/28.0
20/54.0
30/80.0
40/104.0
75/192.0
125/312.0
200/480.0
Three phase
480 V
HP/A
10/14.0
15/21.0
20/27.0
30/40.0
40/52.0
20/27.0
40/52.0
50/65.0
75/96.0
150/180.0
250/302.0
450/515.0
600 V
HP/A
15/17
20/22.0
25/27.0
30/32.0
40/41.0
30/32.0
40/41.0
50/52.0
100/99.0
200/192.0
350/336.0
500/472.0
Single phase
120 V
HP/A
1/16.0
1.5/20.0
2/24.0
2/24.0
2/24.0
2/24.0
3/34.0
5/56.0
7.5/80.0
240 V
HP/A
2/13.2
3/18.7
5/30.8
7.5/40.0
10/57.5
5/28.0
7.5/40.0
15/68.0
20/88.0
Short circuit rating with fuse
Maximum fuse size
A
30
602)
30
602)
30
602)
100
150
100
150
60
150
150
200
200
400
600
600
800
Fuse type
CC
kA
10
10
10
Fuse type
J
kA
10
10
10
10
10
10
100
100
50
50
50
100
200
65
100
100
Fuse type
T
kA
10
10
10
10
10
10
100
100
50
50
50
100
Fuse type
RK1
kA
10
10
10
Fuse type
RK5
kA
5
5
5
5
5
5
10
5
10
5
100
Fuse type
L
kA
100
Fuse type
H
kA
5
5
Maximum General Use
DC ratings
Current rating
at 250VDC
A
200
400
600
at 600VDC
A
100
200
200
DC horsepower rating for 4-pole switch
at 600VDC
HP
50
50
-
DC horsepower rating for 2-pole switch
at 125VDC
HP
20
40
-
at 250VDC
HP
-
50
50
DC short circuit rating for 4-pole switch
with circuit breaker
kA
10
10
10
DC short circuit rating for 2-pole switch
with circuit breaker at 250VDC
kA
14
14
18
with circuit breaker at 600VDC
kA
10
10
10
with Calss J fuse at 250VDC
kA
100
100
100
... with fuse size
A
200
400
600
Endurances
Min. electrical endurance, pf. 0,75 - 0,8
oper. cycles
6 000
6 000
6 000
6 000
6 000
6 000
6 000
6 000
6 000
6 000
1 000
1 000
Mechanical endurance
operations
20 000
20 000
20 000
20 000
20 000
20 000
20 000
20 000
20 000
20 000
16 000
10 000
Terminal lug kits
integral
integral
integral
integral
integral
integral
integral
integral
integral
OZXA-200
OZXA-400
OZXA-800
Wire range
AWG
18-8
18-8
18-8
14-4
14-4
14-4
14-4
8-1/0
8-1/0
4-300MCM
2-600MCM
2x2-600MCM
Torgue
Wire tightening
lg. in.
7
7
7
18
18
55
55
55
70
275
375
500
Lug mounting
72
240
480
Technical data according to IEC 60947-3
Rated insulation voltage and rated
operational voltage AC20/DC20
Pollution degree 3
V
750
750
750
750
750
750
750
750
750
1 000
1 000
1 000
Dielectric strength
50 Hz 1min.
kV
6
6
6
6
6
6
6
6
10
10
10
10
Rated impulse withstand voltage
kV
8
8
8
8
8
8
8
8
12
12
12
12
Rated operational current, AC-22A
up to 415 V
A
16
25
40
63
80
40
63
100
2003)
250
400
800
440 - 500 V
A
16
25
40
63
80
40
63
100
160
250
400
800
690 V
A
16
25
40
63
80
40
63
100
160
250
400
800
Rated operational current, AC-23A
up to 415 V
A
16
20
23
45
75
40
63
80
135
250
400
800
440 V
A
16
20
23
45
65
40
63
65
125
250
400
800
500 V
A
16
20
23
45
58
40
63
60
125
250
400
800
690 V
A
10
11
12
20
20
40
40
40
80
250
400
800
Rated conditional short-circuit
current I
p (r.m.s.) and corresponding
I
p (r.m.s.)
50 kA
kA
6.5
6.5
6.5
13
13
16.5
16.5
16.5
max. allowed cut-off current î
c
Max. OFA_ fuse size gG/aM
415 V
A
40/32
40/32
40/32
100/80
100/80
125/125
125/125
125/125
The cut-off current î
c refers to values
I
p (r.m.s.)
10 kA
kA
8.2
8.2
8.2
listed by fuse manufacturers
Max. OFA_ fuse size gG/aM
690 V
A
125/100
125/100
125/100
(single phase test acc. to IEC60269)
I
p (r.m.s.)
50 kA
kA
4
4
4
11
11
10
10
10
24
35
50.5
71.5
Max. OFA_ fuse size gG/aM
690 V
A
25/16
25/16
25/16
80/63
80/63
63/63
63/63
63/63
200/250
355/315
500/500
800/1 000
at prospective SC-current
Max. OFA_fuse size gG/aM
80 kA
690 V
kA
A
40.5
355/315
59
500/500
83.5
800/1 000
Rated short-time withstand current
r.m.s. -value I
cw
690V, 1s
kA
0.5
0.5
0.5
1
1.5
2.5
2.5
2.5
4
8
15
20
Rated short circuit making capacity
Peak value Icm
690V/500V
kA
0.705
0.705
0.705
1.4
2.1
3.6
3.6
3.6
12
30
65
80
Power loss / pole
At rated operational current
W
0.3
0.6
1.6
2.8
4.5
0.7
1.6
4.0
6.5
6.5
10
40
Mechanical endurance
Divide by two for operation cycles
Oper.
20 000
20 000
20 000
20 000
20 000
20 000
20 000
20 000
20 000
20 000
16 000
10 000
Weight without accessories
3-pole
kg
0.11
0.11
0.11
0.27
0.27
0.36
0.36
0.36
1.1
1.2
2.2
5.2
4-pole
kg
0.15
0.15
0.15
0.35
0.35
0.50
0.50
0.50
1.3
1.5
2.8
6.4
Non fusible disconnect switches OT 16...600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com