Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OT40F3 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # OT40F3
Description  Switch-disconnectors
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OT40F3 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button OT40F3 Datasheet HTML 15Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 16Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 17Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 18Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 19Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 20Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 21Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 22Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 72 page
background image
18
19
19
1SCC301001C0201
Ordering information
OT1000-1600E03W8P
OT1000-1600E03W4P
Shafts and handles included as standard
Suitable for switches
Included shaft
Included handle
Included terminal bolts
OT1000...1250_P
OXP12X280
OHB200J12P
M12X50
OT1600_P
OXP12X280
OHB200J12P
M12X60
OT2000...2500_P
OXP12X280
OHB200J12P
M12X60
OT160ET
OXP6X130
OHB65J6
Switch-disconnectors
OT 160ET3
OT 16 - 40FT3
OT 63 - 80FT3
OT 100 - 125FT3
OT 2000-2500E03W8P
OT 2000-2500E03W4P
W4 = Phase distance 140 mm
W8 = Phase distance 185 mm
1)
200A/min. 95 mm2, use busbar connections
OEZXX6/13 or OZXT2
Front operated switch-disconnectors with wide phase distance
The phase barriers are mounted as standard. Including a black ON-OFF plastic handle and shaft as
standard. The handle is IP65 protected, padlockable in the OFF-position and with door interlock in the
ON-position. The shaft is adjustable for a range of installation depths.
Number I
th
Rated operat.
Type
Order number
Units/
Weight/
of
(open)
currents
type
unit
poles
[A]
AC22A/AC23A
[pcs]
[kg]
400V [A/A]
3
1000
1000/1000
OT1000E03W4P 1SCA022871R7310
1
19.8
4
1000
1000/1000
OT1000E04W4P 1SCA100762R1001
1
24
3
1000
1000/1000
OT1000E03W8P 1SCA022871R8110
1
22
3
1250
1250/1250
OT1250E03W4P 1SCA022866R1920
1
19.8
4
1250
1250/1250
OT1250E04W4P 1SCA022866R2220
1
24
3
1250
1250/1250
OT1250E03W8P 1SCA022871R8540
1
22
3
1600
1600/1250
OT1600E03W4P 1SCA022865R9860
1
22
4
1600
1600/1250
OT1600E04W4P 1SCA022866R1090
1
26
3
1600
1600/1250
OT1600E03W8P 1SCA022871R8970
1
24
3
2000
2000/-
OT2000E03W4P 1SCA108042R1001
1
42
4
2000
2000/-
OT2000E13W4P 1SCA109284R1001
1
48
3
2000
2000/-
OT2000E03W8P 1SCA108045R1001
1
42
4
2000
2000/-
OT2000E13W8P 1SCA109283R1001
1
48
3
2500
2500/-
OT2500E03W4P 1SCA108047R1001
1
49
4
2500
2500/-
OT2500E13W4P 1SCA109285R1001
1
49
3
2500
2500/-
OT2500E03W8P 1SCA108049R1001
1
49
4
2500
2500/-
OT2500E13W8P 1SCA109286R1001
1
49
Front operated switch-disconnectors, door mounting
Types OT 16...160 include protected terminal clamps, IP 20.
The type and ordering numbers are for one piece.
Number I
th
Cable cross Rated operat.
Type
Order number
Delivery Weight/
of
(open) section
currents
batch
unit
poles
[A]
[mm2]
AC22A/AC23A
[pcs]
[kg]
400V [A/A]
3
25
0.75...10
16/16
OT16FT3
1SCA104838R1001
10
0.13
4
25
0.75...10
16/16
OT16FT4N2
1SCA105711R1001
10
0.16
3
32
0.75...10
25/20
OT25FT3
1SCA104884R1001
10
0.13
4
32
0.75...10
25/20
OT25FT4N2
1SCA104900R1001
10
0.16
3
40
0.75...10
40/23
OT40FT3
1SCA104940R1001
10
0.13
4
40
0.75...10
40/23
OT40FT4N2
1SCA104956R1001
10
0.16
3
63
1.5...35
63/45
OT63FT3
1SCA105382R1001
10
0.28
4
63
1.5...35
63/45
OT63FT4N2
1SCA105393R1001
10
0.35
3
80
1.5...35
80/75
OT80FT3
1SCA105431R1001
10
0.28
4
80
1.5...35
80/75
OT80FT4N2
1SCA105499R1001
10
0.35
3
115
10...70
100/80
OT100FT3
1SCA105023R1001
10
0.40
4
115
10...70
100/80
OT100FT4N2
1SCA105031R1001
10
0.54
3
125
10...70
125/90
OT125FT3
1SCA105060R1001
10
0.40
4
125
10...70
125/90
OT125FT4N2
1SCA105066R1001
10
0.54
3
200
10...70
2001)/135
OT160ET3
1SCA022350R1960
1
1.0
4
200
10...70
2001)/135
OT160ET4
1SCA022460R6920
1
1.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com