Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OT40F3 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # OT40F3
Description  Switch-disconnectors
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OT40F3 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button OT40F3 Datasheet HTML 35Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 36Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 37Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 38Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 39Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 40Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 41Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 42Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
Change-over switches,
6- and 8 pole switches
By-pass switches
Change-over
switches
By-pass switches
38
39
39
1SCC301001C0201
Ordering information
Conversion kit type To be ordered separately
Included in conversion kit
delivery
The standard handle
or shaft of one of the
combined switches can be
used
Shaft
Handle
Shaft
Handle
Shaft
Handle
6 and 8-pole switches
OWP6D40
x
(shaft dia 6 mm)
OHBS1A_
-
-
-
-
OWP6D80
x
(shaft dia 6 mm)
OHBS1A_
-
-
-
-
OWP6D125
x
(shaft dia 6 mm)
OHBS1A_
-
-
-
-
OWP6D40
x
(shaft dia 6 mm)
OHB45J6
-
-
-
-
OWP6D80
x
(shaft dia 6 mm)
OHB45J6
-
-
-
-
OWP6D125
x
(shaft dia 6 mm)
OHB45J6
-
-
-
-
OESAZW2
-
-
x (2 pcs)
OHB145J12
-
-
OETLZW9
-
-
-
-
x
x
OTZW8
x
x
-
-
-
-
Change-over switches
OESAZW1
-
x (2 pcs)
OHB80J6E011
-
-
OTZW25
-
-
x (2 pcs)
OHB95J12E011
-
-
OETLZW11
-
-
x (2 pcs)
OHB145J12E011
-
-
OETLZW12
-
x (2 pcs)
YASDA21
(metallic)
-
-
By-pass switches
OTZW17
-
-
x (3 pcs)
OHB80J6E011
OTZW26
-
-
x (3 pcs)
OHB95J12E011
-
-
OETLZW13
-
-
x (3 pcs)
YASDA 6
-
-
Mechanical interlock
OTZW24
-
-
-
-
x
x
OTZW10
-
-
-
-
x
x
OETLZW14
-
-
-
-
x
x
OETLZW3
-
-
-
-
x
x
OETLZW15
-
-
-
-
x
x
The shafts and handles for conversion kits
Conversion kits
Mechanical interlock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com