Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OT40F3 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # OT40F3
Description  Switch-disconnectors
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OT40F3 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button OT40F3 Datasheet HTML 17Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 18Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 19Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 20Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 21Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 22Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 23Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 24Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
20
21
21
1SCC301001C0201
Ordering information
Front operated, non-fusible disconnect switches
The type and ordering numbers are for one piece.
Number Ampere Horsepower rating
Type
Order number
Delivery Weight/
of
rating
3-phase [HP]
batch
unit
poles
[A]
240V 480V 600V
[pcs]
[kg]
3
20
5
10 15
OT16F3
1SCA104811R1001
10
0.11
4
20
5
10 15
OT16F4N2
1SCA104829R1001
10
0.14
3
20
5
10 15
OT16FT3
1SCA104838R1001
10
0.13
4
20
5
10 15
OT16FT4N2
1SCA105711R1001
10
0.16
3
30
7.5 15 20
OT25F3
1SCA104857R1001
10
0.11
4
30
7.5 15 20
OT25F4N2
1SCA104886R1001
10
0.14
3
30
7.5 15 20
OT25FT3
1SCA104884R1001
10
0.13
4
30
7.5 15 20
OT25FT4N2
1SCA104900R1001
10
0.16
3
40
10
20 25
OT40F3
1SCA104902R1001
10
0.11
4
40
10
20 25
OT40F4N2
1SCA104932R1001
10
0.14
3
40
10
20 25
OT40FT3
1SCA104940R1001
10
0.13
4
40
10
20 25
OT40FT4N2
1SCA104956R1001
10
0.16
3
60
15
30 30
OT63F3
1SCA105332R1001
10
0.27
4
60
15
30 30
OT63F4N2
1SCA105365R1001
10
0.30
3
60
15
30 30
OT63FT3
1SCA105382R1001
10
0.28
4
60
15
30 30
OT63FT4N2
1SCA105393R1001
10
0.35
3
80
20
40 40
OT80F3
1SCA105798R1001
10
0.27
4
80
20
40 40
OT80F4N2
1SCA105413R1001
10
0.30
3
80
20
40 40
OT80FT3
1SCA105431R1001
10
0.28
4
80
20
40 40
OT80FT4N2
1SCA105499R1001
10
0.35
3
30
10
20 30
OT30F3
1SCA105068R1001
10
0.36
4
30
10
20 30
OT30F4N2
1SCA108347R1001
10
0.50
3
60
20
40 40
OT60F3
1SCA105076R1001
10
0.36
4
60
20
40 40
OT60F4N2
1SCA108348R1001
10
0.50
3
100
30
50 50
OT100F3
1SCA105004R1001
10
0.36
4
100
30
50 50
OT100F4N2
1SCA105018R1001
10
0.50
Including handle: NEMA 1, 3R, 12, IP65 and shaft
3
100
40
75 100
OT160E3
1SCA022257R5950
1
1.0
4
100
40
75 100
OT160E4
1SCA022259R8060
1
1.3
3
200
75
150 200
OT200U03P
1SCA022709R9920
1
1.8
4
200
75
150 200
OT200U04P
1SCA022710R0610
1
2.2
3
200
75
150 200
OT200U12P
1SCA022752R2010
1
1.8
4
200
75
150 200
OT200U22P
1SCA022741R8880
1
2.2
3
400
125 250 350
OT400U03P
1SCA022718R9670
1
3.4
4
400
125 250 350
OT400U04P
1SCA022719R1900
1
4.0
3
400
125 250 350
OT400U12P
1SCA022754R6960
1
3.4
4
400
125 250 350
OT400U22P
1SCA022762R7290
1
4.0
3
600
200 450 500
OT600U03P
1SCA022718R9830
1
6.5
4
600
200 450 500
OT600U04P
1SCA022719R2200
1
7.7
3
600
200 450 500
OT600U12P
1SCA022753R7710
1
6.4
4
600
200 450 500
OT600U22P
1SCA022753R7890
1
7.7
3
800
250 500 500
OT800U03P
1SCA105665R1001
1
19
4
800
250 500 500
OT800U04P
1SCA105667R1001
1
22
3
800
250 500 500
OT800U12P
1SCA106128R1001
1
19
4
800
250 500 500
OT800U22P
1SCA106125R1001
1
22
3
1200
-
-
-
OT1200U03P
1SCA022860R6910
1
19
4
1200
-
-
-
OT1200U04P
1SCA022860R7120
1
22
3
1200
-
-
-
OT1200U12P
1SCA022871R9270
1
19
4
1200
-
-
-
OT1200U22P
1SCA105654R1001
1
22
Including handle, NEMA 1, 3R, 4, 4x, 12, IP65, shaft and busbar connections
3
1600 –
–
–
OETL-NF1600P 1SCA022282R0690
1
65
3
20001) –
–
–
OETL-NF2000P 1SCA022282R0850
1
65
Shafts and handles included as standard
Suitable for switches
Included shaft
Included handle
Included terminal bolts
OT160E
OXP6X210
OHB65J6
OT200U_P
OXP6X210
OHB65J6
M8x25
OT400U_P
OXP12X185
OHB95J12
M10x30
OT600U_P
OXP12X185
OHB125J12
M12x40
OT800…1200U_P
OXP12X280
OHB200J12P
M12x60
OETL-NF1600...2000
OXP12X325
YASDA8
M12x60
•
Approvals:
- OT16...80: UL 508, CSA 22-2 # 14
- OT30...1200: UL 98, CSA 22-2 # 4
- OETL-NF: UL98, CSA 22-22 #4
- IEC 60947-3
1)
480 VAC max.
UL/CSA Non-fusible disconnect switches
OT800 - 1200U03P
OETL - NF 1600 - 2000P
OT30 - 100F3
OT200U03P
OT400U03P
OT600U03P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com