Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OT40F3 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # OT40F3
Description  Switch-disconnectors
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OT40F3 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button OT40F3 Datasheet HTML 23Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 24Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 25Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 26Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 27Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 28Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 29Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 30Page - List of Unclassifed Manufacturers OT40F3 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 72 page
background image
26
27
27
1SCC301001C0201
Ordering information
OHM_P
OH_E00S
YASDA_
Optional handles
OHM_
OTV_
Optional handles, base mounted switches
Handles for direct mounting
Colour
Handle
Suitable for
Type
Order number
Units/ Weight/
length
switches
type
unit
[mm]
[pcs]
[kg]
Indication Test-OFF-ON/Test-O-I. Padlockable with three padlocks in OFF-position. Includes shaft and
mechanism cover.
Black
65
OT200…250_K
OTV250EK
1SCA022763R2700
1
0.10
Yellow-red 65
OT200…250_K
OTVY250EK
1SCA022772R7910
1
0.10
Black
95
OT315…400_K
OTV400EK
1SCA022763R2960
1
0.20
Yellow-red 95
OT315…400_K
OTVY400EK
1SCA022772R7830
1
0.20
Black
125
OT630…800_K
OTV800EK
1SCA022804R6340
1
0.30
Yellow-red 125
OT630...800_K
OTVY800EK
1SCA022810R2780
1
0.30
Black
2x200
OT1000…2500_K
OTV1000EK
1SCA106608R1001
1
Metallic handles
IP65, NEMA 1, 3R, 4, 4x, 12, padlockable with 3 padlocks in OFF- position, door interlock in ON-position.
For shaft diameter 12 mm, indication I-0
Black
220
OETL3150
YASDA7
1SCA022071R3010
1
0.68
Black
320
OT1000…2500
YASDA35
1SCA104400R1001
1
0.80
For shaft diameter 12 mm, indication ON-OFF
Black
220
OETL3150
YASDA8
1SCA022071R3270
1
0.68
IP44, padlockable with 3 padlocks in OFF- position, door interlock in I- and II- position.
For shaft diameter 12 mm, indication I-0-II
Black
220
OETL3150
YASDA21
1SCA022098R9420
1
0.68
Black
320
OETL3150
YASDA6
1SCA022071R2890
1
0.80
Stainless steel handles
Stainless steel handles, indication I-O/ON-OFF, padlockable with 3 padlocks in the OFF-position, door
interlock in the ON-position, IP66 (NEMA 4X)
Colour
Handle
Type
Order number
Units/ Weight/
length
type
unit
[mm]
[pcs]
[kg]
For shaft diameter 6 mm
Grey
65
OHM65L6
1SCA022739R1070
1
0.73
For shaft diameter 12 mm
Grey
125
OHM125L12 1SCA022739R1150
1
0.76
Grey
175
OHM175L12 1SCA022739R1230
1
0.83
Grey
275
OHM275L12 1SCA022832R4840
1
0.96
Grey
2x200
OHM200L12P 1SCA104439R1001
1
2.0
For side operated switch disconnectors, IP 65, Nema type 1, 3R, 12
For mounting on the side of the enclosure. Padlockable with three padlocks in the OFF-position, door
interlock in the ON-position, IP 65. The position indications are rotated 90°. If the handle is mounted on
the front of the door, a standard handle can be used as well.
Colour
Handle
Type
Order number
Units/
Weight/
length
type
unit
[mm]
[pcs]
[kg]
For shaft diameter 6 mm
Plastic handles, black and red-yellow: I-O/ON-OFF, grey: I-O.
Black
65
OHB65J6E00S
1SCA022382R9850
1
0.12
Red-yellow 65
OHY65J6E00S
1SCA022382R9930
1
0.12
Grey
65
OHG65J6E00S
1SCA022383R4510
1
0.12
Plastic handles, black and red-yellow: Test/I-O/ON-OFF, grey: Test/I-O.
Black
65
OHB65J6TE00S 1SCA109016R1001
1
0.12
Red-yellow 65
OHY65J6TE00S 1SCA022688R0140
1
0.12
Grey
65
OHG65J6TE00S 1SCA109014R1001
1
0.12
For shaft diameter 12 mm
Plastic handles, indication I-O/ON-OFF
Black
145
OHB145J12E00S 1SCA022679R9700
1
0.17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com