Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE100PMPGE Datasheet(PDF) 7 Page - Texas Instruments

Part # TNETE100PMPGE
Description  SINGLE-CHIP 10 BASE-T WITH MII FOR 100 BASE-T/100VG-AnyLANE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETE100PMPGE Datasheet(HTML) 7 Page - Texas Instruments

Back Button TNETE100PMPGE Datasheet HTML 3Page - Texas Instruments TNETE100PMPGE Datasheet HTML 4Page - Texas Instruments TNETE100PMPGE Datasheet HTML 5Page - Texas Instruments TNETE100PMPGE Datasheet HTML 6Page - Texas Instruments TNETE100PMPGE Datasheet HTML 7Page - Texas Instruments TNETE100PMPGE Datasheet HTML 8Page - Texas Instruments TNETE100PMPGE Datasheet HTML 9Page - Texas Instruments TNETE100PMPGE Datasheet HTML 10Page - Texas Instruments TNETE100PMPGE Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
ThunderLAN
™ TNETE100
PCI ETHERNET
™ CONTROLLER
SINGLE-CHIP 10 BASE-T WITH MII FOR 100 BASE-T/100VG-AnyLAN
™
SPWS017B – APRIL 1995 – REVISED AUGUST 1996
7
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Pin Functions (Continued)
PIN
TYPE†
DESCRIPTION
NAME
NO.
TYPE†
DESCRIPTION
PCI INTERFACE (CONTINUED)
PREQ
134
I/O
PCI bus request. PREQ is asserted by the TNETE100 to request control of the PCI bus. This is not a
shared signal.
PRST
129
I
PCI reset signal
PSERR
25
O/D
PCI system error. PSERR indicates parity errors or special-cycle data-parity errors.
PSTOP
23
I/O
PCI stop. PSTOP indicates the current target is requesting the master to stop the current transaction.
BIOS ROM / LED DRIVER INTERFACE
EAD7
EAD6
EAD5
EAD4
EAD3
EAD2
EAD1
EAD0
54
55
56
57
59
60
61
62
I/O
EPROM address / data. EAD[7:0] is a multiplexed byte bus that is used to address and read data from
an external BIOS ROM.
• On the cycle when EXLE is asserted low, EAD[7:0] is driven with the high byte of the
address.
• On the cycle when EALE is asserted low, EAD[7:0] is driven with the low byte of the
address.
• When EOE is asserted, BIOS ROM data should be placed on the bus.
These pins can be used also to drive external status LEDs. Low-current (2 – 5 mA) LEDs can be
connected directly (through appropriate resistors). High-current LEDs can be driven through buffers
or from the BIOS ROM address latches.
EALE
65
O
EPROM address latch enable. EALE is driven low to latch the low (least significant) byte of the BIOS
ROM address from EAD[0 :7].
EOE
64
O
EPROM output enable. When EOE is active (low), EAD[0 :7] is 3-stated, and the output of the BIOS
ROM should be placed on EAD[0 :7].
EXLE
66
O
EPROM extended address-latch enable. EXLE is driven low to latch the high (most significant) byte
of the BIOS ROM address from EAD[0 :7].
CONFIGURATION EEPROM INTERFACE
EDCLK
68
O
EEPROM data clock. EDCLK transfers serial clocked data to the 2K-bit serial EEPROMs (24C02) (see
Note 1).
EDIO
69
I/O
EEPROM data I / O. EDIO is the bidirectional serial data / address line to the 2K-bit serial EEPROM
(24C02). EDIO requires an external pullup for EEPROM operation. Tying EDIO to ground disables the
EEPROM interface and prevents autoconfiguration of the PCI configuration register.
MEDIA-INDEPENDENT INTERFACE (100-Mbps CSMA / CD AND DEMAND PRIORITY)
MCOL
80
I
Collision sense
• In CSMA/CD mode, assertion of MCOL indicates a network collision.
• In demand-priority mode, MCOL (active low) is used to acknowledge a transmission request.
The TNETE100 begins frame transmission 50 MTCLK cycles after the assertion (low) of MCOL.
MCRS
81
I
Carrier sense. MCRS indicates a frame-carrier signal is being received.
MDCLK
91
O
Management data clock. MDCLK is part of the serial management interface to physical-media
independent (PMI) / PHY chip.
MDIO
93
I/O
Management data I / O. MDIO is part of the serial management interface to PMI / PHY chip.
MRCLK
82
I
Receive clock. MRCLK is the receive clock source from the attached PHY and PMI device.
MRST
95
O
MII reset. MRST is the reset signal to the PMI / PHY front-end (active low).
† I = input, O = output, I / O = 3-state input / output, O / D = open-drain output
NOTE 1: This pin should be tied to VDD with a 4.7-kW – 10-kW pullup resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com