Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE100PMPGE Datasheet(PDF) 20 Page - Texas Instruments

Part # TNETE100PMPGE
Description  SINGLE-CHIP 10 BASE-T WITH MII FOR 100 BASE-T/100VG-AnyLANE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETE100PMPGE Datasheet(HTML) 20 Page - Texas Instruments

Back Button TNETE100PMPGE Datasheet HTML 16Page - Texas Instruments TNETE100PMPGE Datasheet HTML 17Page - Texas Instruments TNETE100PMPGE Datasheet HTML 18Page - Texas Instruments TNETE100PMPGE Datasheet HTML 19Page - Texas Instruments TNETE100PMPGE Datasheet HTML 20Page - Texas Instruments TNETE100PMPGE Datasheet HTML 21Page - Texas Instruments TNETE100PMPGE Datasheet HTML 22Page - Texas Instruments TNETE100PMPGE Datasheet HTML 23Page - Texas Instruments TNETE100PMPGE Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
ThunderLAN
™ TNETE100
PCI ETHERNET
™ CONTROLLER
SINGLE-CHIP 10 BASE-T WITH MII FOR 100 BASE-T/100VG-AnyLAN
™
SPWS017B – APRIL 1995 – REVISED AUGUST 1996
20
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
timing requirements for MII receive (see Figure 5)†
MIN
MAX
UNIT
tsu(MRX pins)
Setup time, MRXD[3:0], MRXDV, MRXER (see Note 18)
10
ns
th(MRX pins)
Hold time, MTX[3:0], MRXDV, MRXER (see Note 18)
10
ns
switching characteristics for MII transmit (see Figure 5)†
PARAMETER
MIN
MAX
UNIT
td(MTX pins)
Delay time, MTCLK to MTXD[3:0], MTXEN, and MTXER outputs (see Note 19)
0
25
ns
† Both MCRS and MCOL are driven asynchronously by the PHY.
NOTES: 18. MRXD[3:0] is driven by the PHY on the falling edge of MRCLK. It is sampled by the reconciliation sublayer synchronous to the edge
of MRCLK. MRXD[3:0] timing must be met during clock periods where MRXDV is asserted. MRXDV is asserted and deasserted
by the PHY on the falling edge of MRCLK. It is sampled by the reconciliation sublayer synchronous to the rising edge of MRCLK.
MRXER is driven by the PHY on the falling edge of MRCLK. It is sampled by the reconciliation sublayer synchronous to the rising
edge of MRCLK. MRXER timing must be met during clock periods when MRXDV is asserted.
19. MTXD[3:0] is driven by the reconciliation sublayer synchronous to the MTCLK. MTXEN is asserted and deasserted by the
reconciliation sublayer synchronous to the MTCLK rising edge. MTXER is driven synchronous to the rising edge of MTCLK.
td(MTX pins)
MTCLK
MTXD[3:0],
MTXEN,
MTXER
tsu(MRX pins)
th(MRX pins)
MRCLK
MRXD[3:0],
MRXDV,
MRXER
Figure 5. MII Transmit and Receive Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com