Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE100PMPGE Datasheet(PDF) 17 Page - Texas Instruments

Part # TNETE100PMPGE
Description  SINGLE-CHIP 10 BASE-T WITH MII FOR 100 BASE-T/100VG-AnyLANE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETE100PMPGE Datasheet(HTML) 17 Page - Texas Instruments

Back Button TNETE100PMPGE Datasheet HTML 13Page - Texas Instruments TNETE100PMPGE Datasheet HTML 14Page - Texas Instruments TNETE100PMPGE Datasheet HTML 15Page - Texas Instruments TNETE100PMPGE Datasheet HTML 16Page - Texas Instruments TNETE100PMPGE Datasheet HTML 17Page - Texas Instruments TNETE100PMPGE Datasheet HTML 18Page - Texas Instruments TNETE100PMPGE Datasheet HTML 19Page - Texas Instruments TNETE100PMPGE Datasheet HTML 20Page - Texas Instruments TNETE100PMPGE Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
ThunderLAN
™ TNETE100
PCI ETHERNET
™ CONTROLLER
SINGLE-CHIP 10 BASE-T WITH MII FOR 100 BASE-T/100VG-AnyLAN
™
SPWS017B – APRIL 1995 – REVISED AUGUST 1996
17
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
(c) FIREF TEST CIRCUIT
(b) AXMTP AND AXMTN TEST LOAD (AC TESTING)
X1 – Fil – Mag 23Z90 (1:1)
(a) TTL OUTPUT TEST LOAD
180
Ω
FIREF
AXMTN
AXMTP
78
Ω
Point
Test
CL
IOH
VLOAD
IOL
Point
Test
Test
Under
Output
TTL
50
Ω
FXMTN
FXMTP
X1
50
Ω
50
Ω
Point
Test
50
Ω
X2
50
Ω
50
Ω
25
Ω
25
Ω
FXMTN
FXMTP
Point
Test
50
Ω
50
Ω
50
Ω
50
Ω
Point
Test
(e) FXMTP AND FXMTN TEST LOAD (DC TESTING)
(d) FXMTP AND FXMTN TEST LOAD (AC TESTING)
X2 – Fil – Mag 23Z128 (1:
√2)
Where: IOL
= Refer to IOL in recommended operating conditions
IOH
= Refer to IOH in recommended operating conditions
VLOAD
= 1.5 V, typical dc-level verification or
0.7 V, typical timing verification
CL
= 18 pF, typical load-circuit capacitance
Figure 3. Test and Load Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com