Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE100PMPGE Datasheet(PDF) 15 Page - Texas Instruments

Part # TNETE100PMPGE
Description  SINGLE-CHIP 10 BASE-T WITH MII FOR 100 BASE-T/100VG-AnyLANE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETE100PMPGE Datasheet(HTML) 15 Page - Texas Instruments

Back Button TNETE100PMPGE Datasheet HTML 11Page - Texas Instruments TNETE100PMPGE Datasheet HTML 12Page - Texas Instruments TNETE100PMPGE Datasheet HTML 13Page - Texas Instruments TNETE100PMPGE Datasheet HTML 14Page - Texas Instruments TNETE100PMPGE Datasheet HTML 15Page - Texas Instruments TNETE100PMPGE Datasheet HTML 16Page - Texas Instruments TNETE100PMPGE Datasheet HTML 17Page - Texas Instruments TNETE100PMPGE Datasheet HTML 18Page - Texas Instruments TNETE100PMPGE Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
ThunderLAN
™ TNETE100
PCI ETHERNET
™ CONTROLLER
SINGLE-CHIP 10 BASE-T WITH MII FOR 100 BASE-T/100VG-AnyLAN
™
SPWS017B – APRIL 1995 – REVISED AUGUST 1996
15
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
electrical characteristics over recommended ranges of supply voltage (unless otherwise noted)
(physical interface pins) (continued)
AUI receiver input (ARCVP, ARCVN, ACOLP, ACOLN)
PARAMETER
JEDEC
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
VSQ–
Falling input pair squelch threshold
– 325
mV
AUI transmitter drive characteristics (AXMTP, AXMTN)
PARAMETER
JEDEC
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
VO(DIFF)1
Differential output voltage
VOD(1)
See Note 12
"500 "1315
mV
VOI(DIFF)
Output idle differential voltage†
VOD(IDLE)
"40†
mV
VOI(DIFF)U
Output differential undershoot‡
VOD(IDLE)U
100‡
mV
IO(FC)
Output current, fault condition ‡
IO(FC)
150‡
mA
† Assured by design
‡ Characterized but not tested
NOTE 12: The differential voltage is measured as per Figure 3(b) on page 17.
crystal oscillator characteristics
PARAMETER
JEDEC
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
VSB(FXTL1) Input self-bias voltage
VIB
1.7
2.8
V
IOH(FXTL2)
High-level output current (see Note 4)
IOH
V(FXTL2) = VSB(FXTL1)
V(FXTL1) = VSB(FXTL1) + 0.5 V
– 1.3
– 5
mA
IOL(FXTL2)
Low-level output current
IOL
V(FXTL2) = VSB(FXTL1)
V(FXTL1) = VSB(FXTL1) – 0.5 V
0.4
1.5
mA
NOTE 4: The algebraic convention, where the more negative (less positive) limit is designated as a minimum, is used for logic-voltage levels only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com