Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE100PMPGE Datasheet(PDF) 18 Page - Texas Instruments

Part # TNETE100PMPGE
Description  SINGLE-CHIP 10 BASE-T WITH MII FOR 100 BASE-T/100VG-AnyLANE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETE100PMPGE Datasheet(HTML) 18 Page - Texas Instruments

Back Button TNETE100PMPGE Datasheet HTML 14Page - Texas Instruments TNETE100PMPGE Datasheet HTML 15Page - Texas Instruments TNETE100PMPGE Datasheet HTML 16Page - Texas Instruments TNETE100PMPGE Datasheet HTML 17Page - Texas Instruments TNETE100PMPGE Datasheet HTML 18Page - Texas Instruments TNETE100PMPGE Datasheet HTML 19Page - Texas Instruments TNETE100PMPGE Datasheet HTML 20Page - Texas Instruments TNETE100PMPGE Datasheet HTML 21Page - Texas Instruments TNETE100PMPGE Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
ThunderLAN
™ TNETE100
PCI ETHERNET
™ CONTROLLER
SINGLE-CHIP 10 BASE-T WITH MII FOR 100 BASE-T/100VG-AnyLAN
™
SPWS017B – APRIL 1995 – REVISED AUGUST 1996
18
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
switching characteristics for PCI 5-V and 3.3-V (see Note 13 and Figure 4)
PARAMETER
MIN
MAX
UNIT
tVAL
Delay time, PCLK to bused signals valid (see Notes 14 and 15)
2
11
ns
tVAL(PTP) Delay time, PCLK to bused signals valid point-to-point (see Notes 14 and 15)
2
12
ns
ton
Float to active delay
2
ns
toff
Active to float delay
28
ns
NOTES: 13. Some of the timing symbols in this table are not currently listed with EIA or JEDEC standards for semiconductor symbology but are
consistent with the PCI Local-Bus Specification, Revision 2.0.
14. Minimum times are measured with a 0-pF equivalent load; maximum times are measured with a 50-pF equivalent load. Actual test
capacitance may vary, but results should be correlated to these specifications.
15. PREQ and PGNT are point-to-point signals and have different output valid delay and input setup times than do bused signals. PGNT
has a setup time of 10 ns; PREQ has a setup time of 12 ns. All other signals are bused.
timing requirements for PCI 5-V and 3.3-V (see Note 13 and Figure 4)
MIN
MAX
UNIT
tsu
Setup time, bused signals valid to PCLK (see Note 15)
7
ns
tsu(PTP)
Setup time to PCLK—point-to-point (see Note 15)
10, 12
ns
th
Input hold time from PCLK
0
ns
t
Cycle time PCLK (see Note 16)
100 Mbps
30
50†
ns
tc
Cycle time, PCLK (see Note 16)
10 Mbps
30
500†
ns
tw(H)
Pulse duration, PCLK high
12
ns
tw(L)
Pulse duration, PCLK low
12
ns
tslew
Slew rate, PCLK (see Note 17)
1
4
V/ns
† Characterized by design and system specifications.
NOTES: 13. Some of the timing symbols in this table are not currently listed with EIA or JEDEC standards for semiconductor symbology but are
consistent with the PCI Local-Bus Specification, Revision 2.0.
15. PREQ and PGNT are point-to-point signals and have different output valid delay and input setup times than do bused signals. PGNT
has a setup time of 10 ns; PREQ has a setup time of 12 ns. All other signals are bused.
16. As a requirement for frame transmission /reception, the minimum PCLK frequency varies with network speed. The clock can only
be stopped in a low state.
17. Rise and fall times are specified in terms of the edge rate measured in V/ns. This slew rate must be met across the minimum
peak-to-peak portion of the clock waveform.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com