Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

91SA Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # 91SA
Description  Cooper Hand Tools
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

91SA Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button 91SA Datasheet HTML 19Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 20Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 21Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 22Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 23Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 24Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 25Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 26Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
23
Oval Head
SIDE CUTTERS
Model
L
A
B
C
Max. Cu
Weight
Description
115 mm
10 mm
10,5 mm
ø
1,2 mm
67 g
Flush cut, high grade tool steel, polished head,
ESD safe, resharpenable
Side cutter for universal use. Medium size.
521E
522N
6,5 mm
115 mm
10 mm
10,5 mm
ø
1,6 mm
67 g
Flush cut, high grade tool steel,
anti-glare finish, ESD safe, resharpenable
Side cutter for universal use. Medium size. Economical line.
6,5 mm
115 mm
12 mm
10,5 mm
ø
1,2 mm
67 g
Flush cut, high grade tool steel, polished head,
ESD safe, resharpenable
Side cutter for universal use.
6,5 mm
115 mm
12 mm
10,5 mm
ø
1,6 mm
ask for
cutting
capability*
67 g
Flush cut, high grade tool steel,
anti-glare finish, ESD safe
Side cutter with robust head.
6,5 mm
522E
599E
115 mm
10 mm
10,5 mm
ø
1,6 mm
67 g
Semi flush cut, high grade tool steel,
burnished, ESD safe, resharpenable
Side cutter for universal use. Medium size.
511E
6,5 mm
115 mm
12 mm
10,5 mm
ø
1,6 mm
67 g
Semi flush cut, high grade tool steel,
burnished, ESD safe, resharpenable
Side cutter for universal use. Medium size. For tough
cutting applications.
512E
6,5 mm
115 mm
12 mm
10,5 mm
ø
1,6 mm
67 g
Semi flush cut, high grade tool steel,
anti-glare finish, ESD safe, resharpenable
Side cutter with strong head. For soft and small hard wires.
597E
6,5 mm
115 mm 11,5 mm
10,5 mm
ask for
cutting
capability*
67 g
Semi flush cut, Tungsten Carbide blades,
anti-glare finish, ESD safe
Side cutter with Tungsten Carbide blades for constant quality
cuts. Resistant to small stainless steel wires.
599T
6,5 mm
115 mm 11,5 mm
10,5 mm
67 g
Flush cut, Tungsten Carbide blades,
anti-glare finish, ESD safe
Side cutter with Tungsten Carbide blades for constant quality
cuts. Resistant to small stainless steel wires.
6,5 mm
599TF
115 mm
10 mm
10,5 mm
ø
1,6 mm
67 g
6,5 mm
532N
Super full flush cut, high grade tool steel,
anti-glare finish, ESD safe, resharpenable
Side cutter for universal use. Medium size.
Economical line. Perfect full flush cut. Soft wires only.
* Please provide wire sample.
115 mm
15 mm
10,5 mm
67 g
Semi flush cut, Tungsten Carbide blades,
anti-glare finish, ESD safe
Side cutter with Tungsten Carbide blades. For cutting Vectran
braided wires, fibre optics, Kevlar and small stainless steel
braids. Ask for special application.
599TFO
6,5 mm
ask for
cutting
capability*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com