Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

91SA Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # 91SA
Description  Cooper Hand Tools
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

91SA Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button 91SA Datasheet HTML 45Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 46Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 47Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 48Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 49Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 50Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 51Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 52Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
49
IC AND SMD TOOLS
IC and SMD Tools
110 mm
10 mm
3 mm
48 g
Flush, high grade tool steel, anti-glare finish, ESD safe,
resharpenable
High precision tip cutter. For cutting leads of SMD micro packages up to
0,25 mm or fine pitch components less than 1/20”. Cuts pins before heat
desoldering. Essential SMD tool. No breakage guarantee.
For µ-pitches below 0,5 mm model 670EPF is necessary. Please supply IC
together with order.
670EP
2 mm
115 mm
20 mm
4 mm
-
67 g
593AE
Flush, high grade tool steel, anti-glare finish, ESD safe,
resharpenable
High precision tip cutter bent. For cutting DIL leads from the rear.
Ideal maintenance tool. Cuts pins before heat desoldering.
Model
L
A
D
E
Weight
Description
Cutting
Trimming
120 mm
21 mm
3,5 mm
1,5 mm
74 g
8 pins, high grade tool steel, anti-glare finish,
ESD safe, trim
Trimming pliers. Trims an entire row of 8 pins to the same
length. The lead tips are cut flat. For multiple DIL / IC leads.
Before insertion or after soldering.
509E
21,5 mm
Model
L
A
D
E
F
Weight
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com