Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

91SA Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # 91SA
Description  Cooper Hand Tools
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

91SA Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button 91SA Datasheet HTML 48Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 49Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 50Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 51Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 52Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 53Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 54Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 55Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 56Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
25 mm
15 g
Adapter
360° rotating head for housing 3000ESD. With straight nozzle, stainless steel
for direct pick-up or as adapter for suction tips or suction cups.
3200
5 mm
5 g
3231
Adapter
Adapter fix. For use with suction tips series 3300.
15 mm
total
3 g
3231
Adapter
Can be used with or without tips, fix.
Holds either suction cup 2052E or tips 2040Z, 2041Z, 2044Z.
140 mm
10 mm
35 g
3000ESD
Housing
Housing with axial air switch, ergonomic shape, serrated grip area, ESD safe.
Professional device.
3000 ESD
3740
(optional)
3200
2040Z / 2044Z / 2041Z
2052E
3303 / 3305Z /
3310Z / 3315 /
3330
3231
3232
2040Z / 2044Z / 2041Z
2052E
Vacuum Manipulator
The Erem 3000 series offers a vacuum micro manipulation
system for precise handling of tiny components as well as
flat parts. For use in mechanical assembly, laboratories,
etc. The advantages are:
• easy pick up of components or silicon wafers
• immediate pick up and release of the parts
• full 360° rotating system
• direct axial air switch
• ergonomic shape reduces hand and wrist fatigue
• ESD safe
Vacuum Manipulator
VACUUM MANIPULATOR
52
Housing
Inserts for Housing 3000ESD
Adapter
Model
L
Diameter
Weight
Description
Model
L
Weight
Description
3231
3232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com