Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

91SA Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # 91SA
Description  Cooper Hand Tools
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

91SA Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button 91SA Datasheet HTML 29Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 30Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 31Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 32Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 33Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 34Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 35Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 36Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
140 mm 20 mm 10 mm
ø
1,0 mm
70 g
2282E
5,8 mm
7 mm
<) 45°, flush cut, high grade tool steel, anti-glare
finish, ESD safe, resharpenable, ergonomic
Ergonomic tip cutter. Medium size. Ideal for working on
PCB’s or cutting component leads.
120 mm 23 mm
9 mm
ø
0,8 mm
67 g
573E
6,5 mm 3,5 mm
Vertical, flush cut, high grade tool steel,
anti-glare finish, ESD safe, resharpenable
Tip cutter for vertical tip cutting. For fine wires.
33
TIP CUTTERS
Straight Head
Tip Cutters with Ergonomic Handles*
Angled Head Small
Straight Head
Main applications:
for vertical use
*Ergonomic features see page 18
Model
L
A
B
C
D
Max. Cu
Weight
Description
Model
L
A
B
C
D
Max. Cu
Weight
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com