Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

91SA Datasheet(PDF) 55 Page - List of Unclassifed Manufacturers

Part # 91SA
Description  Cooper Hand Tools
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

91SA Datasheet(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button 91SA Datasheet HTML 51Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 52Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 53Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 54Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 55Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 56Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 57Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 58Page - List of Unclassifed Manufacturers 91SA Datasheet HTML 59Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 60 page
background image
3000KCESD
55
Accessories
Vacuum Kit
VACUUM MANIPULATOR
Weight
Description
Model
Size
Pump
Membrane pump 230V, silent running, air volume 5 l/min, max. vacuum -250 mbar.
(not suitable for wafer pick up)
3714Z
Tubing System
Tubing system flexible, 1,8 m, ESD safe.
3008ESD
Filter
Filter for tubing system 3008ESD.
3717
Table Holder
Table holder for 3000ESD and 3000WESD housing (without accessory).
3740
Model
Description
400 x 320 x 105 mm
2,2 kg
Black plastic case, cushioned, consists of:
3000ESD Housing
3200 Head / adapter rotating
3231 Adapter fixed
3305Z, 3310Z, 3315 Suction needles bent
2052E suction cup ø 4,5 mm
KDS 260L suction cup ø 9,5 mm
3740 Table holder for 3000ESD
3714Z Membran pump 230 V
3008ESD Tubing system 1,8 m
3717 Air filter
102ACA SMD tweezers 115 mm
Size
Weight
Description
Model
Content subject to change without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com