Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS-A201ST01-R1 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # IRS-A201ST01-R1
Description  Pyroelectric infrared sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

IRS-A201ST01-R1 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  IRS-A201ST01-R1 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. IRS-A201ST01-R1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. IRS-A201ST01-R1 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. IRS-A201ST01-R1 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. IRS-A201ST01-R1 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. IRS-A201ST01-R1 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. IRS-A201ST01-R1 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. IRS-A201ST01-R1 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. IRS-A201ST01-R1 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
For Reference Only 5/20
MURATA MANUFACTURING Co., LTD.
5-3 ホワイトノイズ
5-3 White Noise Level
ホワイトノイズ
White Noise
250mVpp Max.
測定条件
・使用回路 : 下記標準測定回路を使用します。
・測定点
: 標準測定回路図中 OUT端子 GND端子間を測定します。
・測定環境 : シールドボックス内、暗視野の状態で測定します。
Conditions for measurement
 Test circuit
: With the circuit shown in figure3.
 Measure Point
: Across OUT and GND.
 Environment
: In the electrically and optically shielded box kept at 25
C.
図3 標準測定回路
Figure 3. Test circuit
d
g
s
1n
47k
10k
10k
22u
2.2meg
10n
33k
LM358
1n
10k
47u
22u
33k
22k
1n
LM358
1meg
22n
33k
4.7k
5VDC
OUT
GND
A
Gain:76.5dB (x6700)
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com