Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS-A201ST01-R1 Datasheet(PDF) 16 Page - Murata Manufacturing Co., Ltd.

Part # IRS-A201ST01-R1
Description  Pyroelectric infrared sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

IRS-A201ST01-R1 Datasheet(HTML) 16 Page - Murata Manufacturing Co., Ltd.

Back Button IRS-A201ST01-R1 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. IRS-A201ST01-R1 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. IRS-A201ST01-R1 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. IRS-A201ST01-R1 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. IRS-A201ST01-R1 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. IRS-A201ST01-R1 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. IRS-A201ST01-R1 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. IRS-A201ST01-R1 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. IRS-A201ST01-R1 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
For Reference Only 16/20
MURATA MANUFACTURING Co., LTD.
11-4 熱サイクル試験
11-4 Heat cycle
-25℃、30分 → 常温、30分 → 55℃、30分 を 1サイクルとして、20回繰り返します。
20 times of the following cycle
-25
C, 30min. Room temp. 30min. 55C, 30min. Room temp.
11-5 振動試験
11-5 Vibration
振動周波数 10~55Hz、全振幅 1.5mmの振動を、X,Y,Zの 3方向に各々 60分加えます。
Apply vibration of amplitude of 1.5mm with 10 to 55Hz bands to each of
3 perpendicular directions (x, y, z) for an hour.
11-6 衝撃試験
11-6 Shock
標準衝撃試験機にて、100Gの加速度を、X,Y,Zの 3方向に加えます。 (1G=9.8m/s2)
Apply shock of 100G sinewave by standard shock tester to each 3 perpendicular
directions (x, y, z). (1G=9.8m/s
2)
11-7 はんだ耐熱性
11-7 Soldering heat
図7のリフローはんだ付け条件にて2回リフローを行います。ただし2回目のリフロ
ーは、1回目のリフロー後、常温に冷却した後に行います。
2 times of soldering test on figure7.
The second is returned to room temperature after the first soldering test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com