Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS-A201ST01-R1 Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # IRS-A201ST01-R1
Description  Pyroelectric infrared sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

IRS-A201ST01-R1 Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button IRS-A201ST01-R1 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. IRS-A201ST01-R1 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. IRS-A201ST01-R1 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. IRS-A201ST01-R1 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. IRS-A201ST01-R1 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. IRS-A201ST01-R1 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. IRS-A201ST01-R1 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. IRS-A201ST01-R1 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. IRS-A201ST01-R1 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
For Reference Only 7/20
MURATA MANUFACTURING Co., LTD.
5-6 電源電圧
5-6 Supply Voltage Range
2.0~15.0 VDC
5-7 推奨ソース抵抗範囲
5-7 Recommended Rs Value
47kΩ ≦ Rs ≦ 200kΩ
但し、ソース抵抗 Rs は、S端子、GND端子間抵抗 とします。
Resistance Rs is inserted across terminal-S and GND.
5-8 標準視野角
5-8 Field of View
図 4 標準視野角
Figure4. Field of View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com