Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS-A201ST01-R1 Datasheet(PDF) 12 Page - Murata Manufacturing Co., Ltd.

Part # IRS-A201ST01-R1
Description  Pyroelectric infrared sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

IRS-A201ST01-R1 Datasheet(HTML) 12 Page - Murata Manufacturing Co., Ltd.

Back Button IRS-A201ST01-R1 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. IRS-A201ST01-R1 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. IRS-A201ST01-R1 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. IRS-A201ST01-R1 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. IRS-A201ST01-R1 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. IRS-A201ST01-R1 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. IRS-A201ST01-R1 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. IRS-A201ST01-R1 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. IRS-A201ST01-R1 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
For Reference Only 12/20
MURATA MANUFACTURING Co., LTD.
リール
Reel
トレーラー部
Trailer
製品挿入部
Sensor contained
160-1140
φ:330
wide:21.5
unit:mm
400-560
100-200
100mm Min.
トップカバーテープ
Cover Tape
リーダー部
Leader
シール部
Weld
空エンボス部
Empty Emboss
図8 エンボステープ仕様
Figure8. Emboss tape
2.8±0.1
0.3±0.05
7°MAX
+0.1
6.9±0.1
φ1.5 -0.0
4.0±0.1
2.0±0.1
12.0±0.1
φ1.5 -0.0
+0.1
(1)
(2)
(3)
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com