Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS-A201ST01-R1 Datasheet(PDF) 15 Page - Murata Manufacturing Co., Ltd.

Part # IRS-A201ST01-R1
Description  Pyroelectric infrared sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

IRS-A201ST01-R1 Datasheet(HTML) 15 Page - Murata Manufacturing Co., Ltd.

Back Button IRS-A201ST01-R1 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. IRS-A201ST01-R1 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. IRS-A201ST01-R1 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. IRS-A201ST01-R1 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. IRS-A201ST01-R1 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. IRS-A201ST01-R1 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. IRS-A201ST01-R1 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. IRS-A201ST01-R1 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. IRS-A201ST01-R1 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
For Reference Only 15/20
MURATA MANUFACTURING Co., LTD.
11.信頼性(Reliability)
11-1項から11-7項までの試験を実施します。その後、常温にて 3時間 以上
放置してから測定したとき、表1の判定基準を満足します。
Judgment criteria for 11-1 to 11-7. After each one of the test, the sensor is kept for
three hours at room temperature, then it is evaluated with the following criteria.
表1 判定基準
Table1.
Judgment criteria
項目
Items
判定基準
Judgment criteria
外観
External appearance
著しい損傷がありません。
No significant damage
電圧感度
Responsivity
初期値に対して変化率 20%以内です。
Within ±20% shift from initial value
ノイズ
White noise
初期値 +100mV 以下です。
within initial value +100mV
ソース電圧
Source voltage
規格範囲内です
within rated value
11-1 高温放置試験
11-1 High temperature
周囲温度 100℃にて、500時間放置します。
100
C for 500hours
11-2 低温放置試験
11-2 Low temperature
周囲温度 -40℃にて、500時間放置します。
-40
C for 500hours
11-3 高温湿中放置試験
11-3 Humidity
周囲温度 60℃、湿度 95%RHで 500時間放置します。
60
C, 95%RH for 500hours



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com