Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS6180 Datasheet(PDF) 8 Page - Pixart Imaging Inc.

Part # PAS6180
Description  CMOS QVGA DIGITAL IMAGE SENSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6180 Datasheet(HTML) 8 Page - Pixart Imaging Inc.

Back Button PAS6180 Datasheet HTML 4Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 5Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 6Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 7Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 8Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 9Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 10Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 11Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 12Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
PixArt Imaging Inc.
PAS6180
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
8
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, 2011/05/12
4.
Registers
Register Table
Address
Bank
Hex Dec
Register Name
Bits
Default
Value
Notes
0
0
0 PartID[15:8]
[7:0]
0x61 Part ID
0
1
1 PartID[7:0]
[7:0]
0x79 Part ID
0
2
2 VersionID[3:0]
[3:0]
0x00 VersionID
0
4
4 R_AE_stage_indoor_Sel
[0]
0x00 AE indoor stage select 0:11 , 1:12
0
F
15 R_AWB_Window_X[7:0]
[7:0]
0x90 AWB window width (by4)
0
11
17 R_AWB_Window_Y[7:0]
[7:0]
0x64 AWB window height (by4)
0
13
19 R_lpf_min[7:0]
[7:0]
0xf6 Lpf minimum value for AE
0
14
20 R_ny_min[3:0]
[7:4]
Ny minimum value for AE
0
14
20 R_lpf_min[10:8]
[2:0]
0x21
Lpf minimum value for AE
0
15
21 R_AE_Window_X[6:0]
[6:0]
0x80 AE window width (by4)
0
17
23 R_AE_Window_Y[6:0]
[6:0]
0x5f AE window height (by4)
0
19
25 R_AWB_DGnR_LB_by2[7:0]
[7:0]
0x30 AWB digital gain lower bound for R
0
1A
26 R_AWB_DGnR_UB_by2[7:0]
[7:0]
0x49 AWB digital gain upper bound for B
0
1B
27 R_AWB_DGnB_LB_by2[7:0]
[7:0]
0x3a AWB digital gain lower bound for B
0
1C
28 R_AWB_DGnB_UB_by2[7:0]
[7:0]
0x78 AWB digital gain upper bound for R
0
1F
31 R_DeNoiseEn
[4]
0x10 DeNoise Enable
0
29
41 R_ISP_Gamma_EnH
[0]
0x01 ISP gamma correction enable
0
2B
43 R_ISP_Y01
[7:0]
0x19 ISP Gamma Y1
0
2C
44 R_ISP_Y02
[7:0]
0x2f ISP Gamma Y2
0
2D
45 R_ISP_Y03
[7:0]
0x53 ISP Gamma Y3
0
2E
46 R_ISP_Y04
[7:0]
0x62 ISP Gamma Y4
0
2F
47 R_ISP_Y05
[7:0]
0x6f ISP Gamma Y5
0
30
48 R_ISP_Y06
[7:0]
0x7c ISP Gamma Y6
0
31
49 R_ISP_Y07
[7:0]
0x87 ISP Gamma Y7
0
32
50 R_ISP_Y08
[7:0]
0x9a ISP Gamma Y8
0
33
51 R_ISP_Y09
[7:0]
0xaa ISP Gamma Y9
0
34
52 R_ISP_Y10
[7:0]
0xb8 ISP Gamma Y10
0
35
53 R_ISP_Y11
[7:0]
0xc5 ISP Gamma Y11
0
36
54 R_ISP_Y12
[7:0]
0xd8 ISP Gamma Y12
0
37
55 R_ISP_Y13
[7:0]
0xe8 ISP Gamma Y13
0
38
56 R_ISP_Y14
[7:0]
0xf5 ISP Gamma Y14
0
47
71 R_AWB_Speed
[1:0]
0x34
AWB adjust speed. The more, the slower
0: 1 x
1: 1/2 x
2: 1/4 x
3: 1/8 x
0
49
73 R_AWB_SumRatio_B
[7:0]
0x80 AWB B sum ratio = 128/X
0
4A
74 R_AWB_SumRatio_R
[7:0]
0x80 AWB R sum ratio = 128/X
0
4B
75 R_AWB_CThdL
[7:0]
0x37 AWB Chroma threshold low
0
4C
76 R_AWB_CThdH
[7:0]
0x0a AWB Chroma threshold high
0
4D
77 R_AWB_CbThdL[7:0]
[7:0]
0x64
AWB region test Cb Low threshold
-128 ~ +127 (2's complement)
0
4E
78 R_AWB_CrThdL[7:0]
[7:0]
0x87
AWB region test Cr Low threshold
-128 ~ +127 (2's complement)
0
4F
79 R_AWB_CbCrThdL[7:0]
[7:0]
0x00 AWB region test Cb+Cr Low threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com