Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS6180 Datasheet(PDF) 11 Page - Pixart Imaging Inc.

Part # PAS6180
Description  CMOS QVGA DIGITAL IMAGE SENSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6180 Datasheet(HTML) 11 Page - Pixart Imaging Inc.

Back Button PAS6180 Datasheet HTML 7Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 8Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 9Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 10Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 11Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 12Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 13Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 14Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 15Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
PixArt Imaging Inc.
PAS6180
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
11
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, 2011/05/12
2
22
34 R_Defect_EnH
[3]
0x01 Defect Enable
2
26
38 R_DefectThd_NL[4:0]
[4:0]
0x0c Defect Threshold @ normal light
2
27
39 R_DefectThd_LL[4:0]
[4:0]
0x0c Defect Threshold @ low light
2
28
40
R_MTK_SPI_DataHeaderDelay
[7:0]
[7:0]
0x1f
Cycle latency from previous data stream to
next data header
2
2A
42 R_FlatRatio[3:0]
[3:0]
0x08 ISP edge enhancement flat ratio
2
2A
42 R_Flat_En
[6]
0x01 ISP edge enhancement flat enable
2
2A
42 R_ISP_Edge_En0
[7]
0x01 ISP edge enhancement enable
2
2C
44 R_Edge_UB[4:0]
[4:0]
0x20 ISP edge enhancement value upper bound
2
2D
45 R_Edge_LB[4:0]
[4:0]
0x19 ISP edge enhancement value lower bound
2
2F
47 R_AE_stage_LL[4:0]
[4:0]
0x13 AE_stage > R_AE_stage_LL => Low Light
2
30
48 R_AE_stage_NL[4:0]
[4:0]
0x11 AE_stage < R_AE_stage_NL => Normal Light
2
35
53 R_Gamma_Strength_NL[4:0]
[4:0]
0x10 Gamma strength @ normal light
2
37
55 R_Gamma_Strength_LL[4:0]
[4:0]
0x08 Gamma strength @ low light
2
38
56 R_AE_Middle_Stage[4:0]
[4:0]
0x0f
Apply Middle Gain when
AE_stage >= R_AE_Middle_Stage
2
38
56 R_AE_Middle_Gain_En
[7]
0x01 AE Middle Gain Enable
2
39
57 R_AE_Middle_Gain[5:0]
[5:0]
0x10 AE Middle Gain code
2
3C
60 R_AG_FG_LB[5:0]
[5:0]
0x03 AE Front Gain Lowerbound
2
3E
62 R_CCMbSign[5:0]
[5:0]
0x33 CCM matrix coefficient
2
3F
63 R_CCMb0_0[6:0]
[6:0]
0x26 CCM matrix coefficient
2
40
64 R_CCMb0_1[6:0]
[6:0]
0x4b CCM matrix coefficient
2
41
65 R_CCMb0_2[6:0]
[6:0]
0x0f CCM matrix coefficient
2
42
66 R_CCMb1_0[6:0]
[6:0]
0x18 CCM matrix coefficient
2
43
67 R_CCMb1_1[6:0]
[6:0]
0x52 CCM matrix coefficient
2
44
68 R_CCMb1_2[6:0]
[6:0]
0x6a CCM matrix coefficient
2
45
69 R_CCMb2_0[6:0]
[6:0]
0x6a CCM matrix coefficient
2
46
70 R_CCMb2_1[6:0]
[6:0]
0x68 CCM matrix coefficient
2
47
71 R_CCMb2_2[6:0]
[6:0]
0x02 CCM matrix coefficient
2
48
72 R_AE_Middle_Gain2[2:0]
[7:5]
0x01 middle gain 2
2
48
72 R_AE_Middle_Stage2[4:0]
[4:0]
0x10 middle gain stage 2
2
49
73 R_AE_Middle_Gain3[2:0]
[7:5]
0x02 middle gain 3
2
49
73 R_AE_Middle_Stage3[4:0]
[4:0]
0x12 middle gain stage 3
2
57
87 R_EdgeRatio_LL[3:0]
[3:0]
0x04 Edge ratio @ Low Light
2
58
88 R_EdgeRatio_NL[3:0]
[3:0]
0x0a Edge ratio @ Normal Light
2
5C
92 R_Edge_th_NL[4:0]
[4:0]
0x08 Edge threshold @ Normal Light
2
5F
95 R_Saturation_LL[4:0]
[4:0]
0x0b Color Saturation @ Low Light
2
60
96 R_Saturation_NL[4:0]
[4:0]
0x16 Color Saturation @ Normal Light
2
63
99 R_Shading_CP__NL[3:0]
[3:0]
0x0f
Shading compensation percentage
@ Normal Light
2
63
99 R_Shading_CP__LL[3:0]
[7:4]
0x00
Shading compensation percentage
@ Low Light
2
64
100 R_Contrast_En
[0]
0x01 Contrast Enable
2
65
101 R_Contrast_Str[7:0]
[7:0]
0x40
Contrast Strength
(ISP2_UpdateFlag=1, update )
2
66
102 R_Contrast_CP[7:0]
[7:0]
0x82
Contrast CP
(ISP2_UpdateFlag=1, update )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com