Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS6180 Datasheet(PDF) 2 Page - Pixart Imaging Inc.

Part # PAS6180
Description  CMOS QVGA DIGITAL IMAGE SENSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6180 Datasheet(HTML) 2 Page - Pixart Imaging Inc.

  PAS6180 Datasheet HTML 1Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 2Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 3Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 4Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 5Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 6Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 7Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 8Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
PixArt Imaging Inc.
PAS6180
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
2
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, 2011/05/12
1.
Pin Assignment
Pin No.
Name
Type
Description
A1
DVDD28
PWR
Main power, 2.8V typical,
A2
CSK
OUT
Pixel clock output,
A3
CSD0
OUT
Digital pixel data [0],
A4
CSD2
OUT
Digital pixel data [2], optional,
B1
SDA
I/O
I2C data,
B2
MCLK
IN
External clock input,
B3
CSD1
OUT
Digital pixel data [1], optional,
B4
CSD3
OUT
Digital pixel data [3], optional,
C1
SCL
IN
I2C clock input,
C2
NC
--
NC,
C3
NC
--
NC,
C4
NC
--
NC,
D1
GND
GND
Ground
D2
NC
--
NC,
D3
NC
--
NC,
D4
NC
--
NC,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com